전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN5361UMP10X 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 FAN5361UMP10X
상세설명  6MHz, 600mA TinyBuck??Synchronous Buck Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5361UMP10X 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  FAN5361UMP10X Datasheet HTML 1Page - Fairchild Semiconductor FAN5361UMP10X Datasheet HTML 2Page - Fairchild Semiconductor FAN5361UMP10X Datasheet HTML 3Page - Fairchild Semiconductor FAN5361UMP10X Datasheet HTML 4Page - Fairchild Semiconductor FAN5361UMP10X Datasheet HTML 5Page - Fairchild Semiconductor FAN5361UMP10X Datasheet HTML 6Page - Fairchild Semiconductor FAN5361UMP10X Datasheet HTML 7Page - Fairchild Semiconductor FAN5361UMP10X Datasheet HTML 8Page - Fairchild Semiconductor FAN5361UMP10X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
September 2008
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5361 • Rev. 1.0.0
FAN5361
6MHz, 600mA TinyBuck™ Synchronous Buck Regulator
Features
6MHz Fixed-Frequency Operation
35µA Typical Quiescent Current
Best-in-Class Load Transient
600mA Output Current Capability
2.3V to 5.5V Input Voltage Range
1.0 to 1.82V Fixed Output Voltage
Low Ripple Light-Load PFM Mode
Forced PWM and External Clock Synchronization
Internal Soft-Start
Input Under-Voltage Lockout (UVLO)
Thermal Shutdown and Overload Protection
6-bump WLCSP, 0.4mm Pitch
6-pin 2 x 2mm UMLP
Applications
Cell Phones
Portable Media Players
WLAN, 3G, and 4G Data Cards
Description
The FAN5361 is a 600mA, step-down, switching voltage
regulator that delivers a fixed output from an input voltage
supply of 2.3V to 5.5V. Using a proprietary architecture with
synchronous rectification, the FAN5361 is capable of
delivering a peak efficiency of 92%, while maintaining
efficiency over 80% at load currents as low as 1mA.
The regulator operates at a nominal fixed frequency of 6MHz,
which reduces the value of the external components to 470nH
for the output inductor and 4.7µF for the output capacitor. The
PWM modulator can be synchronized to an external frequency
source.
At moderate and light loads, pulse frequency modulation is
used to operate the device in power-save mode with a typical
quiescent current of 35µA. Even with such a low quiescent
current, the part exhibits excellent transient response during
large load swings. At higher loads, the system automatically
switches to fixed-frequency control, operating at 6MHz. In
shutdown mode, the supply current drops below 1µA,
reducing power consumption. For applications that require
minimum ripple or fixed frequency, PFM mode can be
disabled using the MODE pin.
The FAN5361 is available in 6-bump, 0.4mm pitch, Wafer-
Level Chip-Scale Package (WLCSP) and a 6-lead 2 x 2mm
ultra-thin MLP package.
Typical Applications
SW
MODE
GND
EN
L1
CIN
2.2 F
470nH
C2
B2
A2
C1
B1
A1
FB
4.7 F
COUT
VIN
Figure 1. Typical Applications


유사한 부품 번호 - FAN5361UMP10X

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FAN5361UMP123X ONSEMI-FAN5361UMP123X Datasheet
1Mb / 18P
   6 MHz, 600 mA / 750 mA Synchronous Buck Regulator
October-2017, Rev. 2
FAN5361UMP182X ONSEMI-FAN5361UMP182X Datasheet
1Mb / 18P
   6 MHz, 600 mA / 750 mA Synchronous Buck Regulator
October-2017, Rev. 2
More results

유사한 설명 - FAN5361UMP10X

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5361 FAIRCHILD-FAN5361_10 Datasheet
1Mb / 18P
   6MHz, 600mA / 750mA Synchronous Buck Regulator
logo
Sipex Corporation
SP6659 SIPEX-SP6659 Datasheet
201Kb / 10P
   1.5MHz, 600mA Synchronous Buck Regulator
SP6659 SIPEX-SP6659_06 Datasheet
340Kb / 11P
   1.5MHz, 600mA Synchronous Buck Regulator
logo
Anpec Electronics Corop...
APW7101 ANPEC-APW7101 Datasheet
341Kb / 16P
   1.5MHz, 600mA, Synchronous Buck Regulator
logo
ON Semiconductor
FAN53541 ONSEMI-FAN53541 Datasheet
1Mb / 17P
   2.4 MHz, 5 A TinyBuck Synchronous Buck Regulator
Rev. 1.1
logo
Fairchild Semiconductor
FAN2315MPX FAIRCHILD-FAN2315MPX Datasheet
1Mb / 19P
   FAN2315 TinyBuck 15 A Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106 Datasheet
437Kb / 14P
   TinyBuck 6A, 24V Input Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_08 Datasheet
770Kb / 14P
   TinyBuck?? 6A, 24V Input, Integrated Synchronous Buck Regulator
FAN2103 FAIRCHILD-FAN2103_08 Datasheet
964Kb / 14P
   TinyBuck??3A, 24V Input, Integrated Synchronous Buck Regulator
FAN53541 FAIRCHILD-FAN53541 Datasheet
1Mb / 15P
   2.4 MHz, 5 A TinyBuck Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com