전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN2103 데이터시트(PDF) 5 Page - Fairchild Semiconductor

부품명 FAN2103
상세설명  TinyBuck??3A, 24V Input, Integrated Synchronous Buck Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2103 데이터시트(HTML) 5 Page - Fairchild Semiconductor

  FAN2103_08 Datasheet HTML 1Page - Fairchild Semiconductor FAN2103_08 Datasheet HTML 2Page - Fairchild Semiconductor FAN2103_08 Datasheet HTML 3Page - Fairchild Semiconductor FAN2103_08 Datasheet HTML 4Page - Fairchild Semiconductor FAN2103_08 Datasheet HTML 5Page - Fairchild Semiconductor FAN2103_08 Datasheet HTML 6Page - Fairchild Semiconductor FAN2103_08 Datasheet HTML 7Page - Fairchild Semiconductor FAN2103_08 Datasheet HTML 8Page - Fairchild Semiconductor FAN2103_08 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN2103 Rev. 1.0.5
5
Electrical Specifications
Recommended operating conditions are the result of using the circuit shown in Figure 1 unless otherwise noted.
Parameter
Conditions
Min.
Typ.
Max.
Unit
Power Supplies
SW = Open, FB = 0.7V, VCC = 5V,
fSW = 600KHz
8
12
mA
VCC Current
Shutdown: EN = 0, VCC = 5V
7
10
µA
Rising VCC
4.1
4.3
4.5
V
VCC UVLO Threshold
Hysteresis
300
mV
Oscillator
RT = 50KΩ
255
300
345
KHz
Frequency
RT = 24KΩ
540
600
660
KHz
Minimum On-Time
(2)
50
65
ns
Ramp Amplitude, pk–pk
16VIN, 1.8VOUT, RT = 30KΩ,
RRAMP = 200KΩ
0.53
V
Minimum Off-Time
(2)
100
150
ns
Reference
FAN2103M, 25°C
794
800
806
mV
Reference Voltage (VFB)
FAN2103EM, 25°C
795
800
805
mV
FAN2103M, -10 to +85°C
50
PPM
Temperature Coefficient
FAN2103EM, -40 to +85°C
70
PPM
Error Amplifier
DC Gain
(2)
80
85
dB
Gain Bandwidth Product
(2)
12
15
MHz
Output Voltage (VCOMP)
VCC = 5V
0.4
3.2
V
Output Current, Sourcing
VCC = 5V, VCOMP = 2.2V
1.5
2.2
mA
Output Current, Sinking
VCC = 5V, VCOMP = 1.2V
0.8
1.2
mA
FB Bias Current
VFB = 0.8V, 25°C
-850
-650
-450
nA
Protection and Shutdown
Current Limit
RILIM open
3.8
5.0
7.0
A
ILIM Current
25°C, VCC = 5V
9
10
11
µA
Over-Temperature Shutdown
+160
°C
Over-Temperature Hysteresis
Internal IC Temperature
+30
°C
Over-Voltage Threshold
2 Consecutive Clock Cycles
110
115
120
%VOUT
Under-Voltage Shutdown
16 Consecutive Clock Cycles
68
73
78
%VOUT
Fault Discharge Threshold
Measured at FB Pin
250
mV
Fault Discharge Hysteresis
Measured at FB Pin (VFB ~500mV)
250
mV
Soft-Start
VOUT to Regulation (T0.8)
5.3
ms
Fault Enable/SSOK (T1.0)
Frequency = 600KHz
6.7
ms
Note:
2.
Specifications guaranteed by design and characterization; not production tested.


유사한 부품 번호 - FAN2103_08

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN2103EMPX FAIRCHILD-FAN2103EMPX Datasheet
893Kb / 14P
   3A, 24V Input Integrated Synchronous Buck Regulator
FAN2103EMPX FAIRCHILD-FAN2103EMPX_12 Datasheet
1Mb / 14P
   3 A, 24 V Input, Integrated Synchronous Buck Regulator
FAN2103MPX FAIRCHILD-FAN2103MPX Datasheet
893Kb / 14P
   3A, 24V Input Integrated Synchronous Buck Regulator
FAN2103MPX FAIRCHILD-FAN2103MPX_12 Datasheet
1Mb / 14P
   3 A, 24 V Input, Integrated Synchronous Buck Regulator
FAN2103 FAIRCHILD-FAN2103_12 Datasheet
1Mb / 14P
   3 A, 24 V Input, Integrated Synchronous Buck Regulator
More results

유사한 설명 - FAN2103_08

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN2106 FAIRCHILD-FAN2106 Datasheet
437Kb / 14P
   TinyBuck 6A, 24V Input Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_08 Datasheet
770Kb / 14P
   TinyBuck?? 6A, 24V Input, Integrated Synchronous Buck Regulator
FAN21SV04 FAIRCHILD-FAN21SV04 Datasheet
793Kb / 18P
   TinyBuck??4A, 24V Single-Input Integrated Synchronous Buck Regulator
FAN2103 FAIRCHILD-FAN2103 Datasheet
893Kb / 14P
   3A, 24V Input Integrated Synchronous Buck Regulator
FAN2108 FAIRCHILD-FAN2108 Datasheet
509Kb / 14P
   TinyBuck??3-24V Input, 8A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN21SV06 FAIRCHILD-FAN21SV06 Datasheet
1Mb / 17P
   TinyBuck??6A, 24V Single-Input Integrated Synchronous Buck Regulator, Synchronization Capability
FAN2110 FAIRCHILD-FAN2110 Datasheet
1Mb / 17P
   TinyBuck?? 3-24V Input, 10A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN21SV06 FAIRCHILD-FAN21SV06_12 Datasheet
1Mb / 17P
   TinyBuck??6 A, 24V Single-Input Integrated Synchronous Buck Regulator with Synchronization Capability
FAN2315MPX FAIRCHILD-FAN2315MPX Datasheet
1Mb / 19P
   FAN2315 TinyBuck 15 A Integrated Synchronous Buck Regulator
FAN21SV04 FAIRCHILD-FAN21SV04_12 Datasheet
863Kb / 18P
   TinyBuck??4 A, 24 V Single-Input Integrated Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com