전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN2106 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 FAN2106
상세설명  TinyBuck?? 6A, 24V Input, Integrated Synchronous Buck Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2106 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  FAN2106_08 Datasheet HTML 1Page - Fairchild Semiconductor FAN2106_08 Datasheet HTML 2Page - Fairchild Semiconductor FAN2106_08 Datasheet HTML 3Page - Fairchild Semiconductor FAN2106_08 Datasheet HTML 4Page - Fairchild Semiconductor FAN2106_08 Datasheet HTML 5Page - Fairchild Semiconductor FAN2106_08 Datasheet HTML 6Page - Fairchild Semiconductor FAN2106_08 Datasheet HTML 7Page - Fairchild Semiconductor FAN2106_08 Datasheet HTML 8Page - Fairchild Semiconductor FAN2106_08 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN2106 Rev. 1.0.8
3
Pin Configuration
Figure 3. MLP 5x6mm Pin Configuration (Bottom View)
Pin Definitions
Pin #
Name
Description
P1, 6-12
SW
Switching Node
.
P2, 2-5
VIN
Power Input Voltage
. Connect to the main input power source.
P3, 21-23
PGND
Power Ground
. Power return and Q2 source.
1
BOOT
High-Side Drive BOOT Voltage
. Connect through capacitor (CBOOT) to SW. The IC
includes an internal synchronous bootstrap diode to recharge the capacitor on this pin to
VCC when SW is LOW.
13
PGOOD
Power-Good Flag
. An open-drain output that pulls LOW when FB is outside a ±10% range
of the reference. PGOOD does not assert HIGH until the fault latch is enabled.
14
EN
ENABLE
. Enables operation when pulled to logic HIGH or left open. Toggling EN resets the
regulator after a latched fault condition. This input has an internal pull-up when the IC is
functioning normally. When a latched fault occurs, EN is discharged by a current sink.
15
VCC
Input Bias Supply for IC
. The IC’s logic and analog circuitry are powered from this pin.
16
AGND
Analog Ground
. The signal ground for the IC. All internal control voltages are referred to
this pin. Tie this pin to the ground island/plane through the lowest impedance connection.
17
ILIM
Current Limit
. A resistor (RILIM) from this pin to AGND can be used to program the current-
limit trip threshold lower than the default setting.
18
R(T)
Oscillator Frequency
. A resistor (RT) from this pin to AGND sets the PWM switching
frequency.
19
FB
Output Voltage Feedback
. Connect through a resistor divider to the output voltage.
20
COMP
Compensation
. Error amplifier output. Connect the external compensation network
between this pin and FB.
24
NC
No Connect
. This pin is not used.
25
RAMP
Ramp Amplitude
. A resistor (RRAMP) connected from this pin to VIN sets the ramp
amplitude and provides voltage feedforward functionality.


유사한 부품 번호 - FAN2106_08

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN2106 FAIRCHILD-FAN2106_09 Datasheet
763Kb / 15P
   3-24V Input, 6A, High-Efficiency, Integrated Synchronous Buck Regulator
More results

유사한 설명 - FAN2106_08

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN2106 FAIRCHILD-FAN2106 Datasheet
437Kb / 14P
   TinyBuck 6A, 24V Input Integrated Synchronous Buck Regulator
FAN21SV06 FAIRCHILD-FAN21SV06 Datasheet
1Mb / 17P
   TinyBuck??6A, 24V Single-Input Integrated Synchronous Buck Regulator, Synchronization Capability
FAN2103 FAIRCHILD-FAN2103_08 Datasheet
964Kb / 14P
   TinyBuck??3A, 24V Input, Integrated Synchronous Buck Regulator
FAN21SV04 FAIRCHILD-FAN21SV04 Datasheet
793Kb / 18P
   TinyBuck??4A, 24V Single-Input Integrated Synchronous Buck Regulator
FAN2108 FAIRCHILD-FAN2108 Datasheet
509Kb / 14P
   TinyBuck??3-24V Input, 8A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2110 FAIRCHILD-FAN2110 Datasheet
1Mb / 17P
   TinyBuck?? 3-24V Input, 10A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_09 Datasheet
763Kb / 15P
   3-24V Input, 6A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN21SV06 FAIRCHILD-FAN21SV06_12 Datasheet
1Mb / 17P
   TinyBuck??6 A, 24V Single-Input Integrated Synchronous Buck Regulator with Synchronization Capability
FAN2103 FAIRCHILD-FAN2103 Datasheet
893Kb / 14P
   3A, 24V Input Integrated Synchronous Buck Regulator
logo
Renesas Technology Corp
ZSPM4023-06 RENESAS-ZSPM4023-06 Datasheet
1Mb / 38P
   24V/6A Synchronous DC/DC Buck Regulator
January 27, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com