전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN5350UCX 데이터시트(PDF) 10 Page - Fairchild Semiconductor

부품명 FAN5350UCX
상세설명  3MHz, 600mA Step-Down DC-DC Converter in Chip-Scale and MLP Packaging
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5350UCX 데이터시트(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN5350UCX Datasheet HTML 6Page - Fairchild Semiconductor FAN5350UCX Datasheet HTML 7Page - Fairchild Semiconductor FAN5350UCX Datasheet HTML 8Page - Fairchild Semiconductor FAN5350UCX Datasheet HTML 9Page - Fairchild Semiconductor FAN5350UCX Datasheet HTML 10Page - Fairchild Semiconductor FAN5350UCX Datasheet HTML 11Page - Fairchild Semiconductor FAN5350UCX Datasheet HTML 12Page - Fairchild Semiconductor FAN5350UCX Datasheet HTML 13Page - Fairchild Semiconductor FAN5350UCX Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5350 Rev. 1.0.3
10
Typical Performance Characteristics (Continued)
VIN = 3.6V, TA = 25°C, VEN = VIN, according to the circuit in Figure 1 or Figure 2, unless otherwise specified.
60
65
70
75
80
85
90
95
100
0.001
0.010
0.100
1.000
V
IN=2.5V
VIN=2.7V
V
IN=3.3V
V
IN=3.6V
V
IN=4.2V
V
IN=5V
V
IN=5.5V
Load Current (A)
100
95
90
85
80
75
0.001
0.010
0.100
1.000
Load Current (A)
+85°C
+25°C
-40°C
Figure 14. Power Efficiency vs. Load Current
Figure 15. Power Efficiency Over Temperature Range
1.3
1.2
1.1
1.0
0.9
0.8
0.7
-40
-20
0
20
406080
Ambient Temperature (°C)
VIN=5.5V
VIN=2.7V
VIN=3.6V
0
50
100
150
200
250
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Battery Voltage (V)
+85°C
+25°C
-40°C
Figure 16. PMOS Current Limit in Closed Loop
Figure 17. Shutdown Supply Current vs.
Battery Voltage
85dB
5dB
/div
35dB
250mA Load
1Hz
10Hz
100Hz
1kHz
10kHz
2.7
2.8
2.9
3.0
3.1
3.2
3.3
2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5 4.7 4.9 5.1 5.3 5.5
Battery Voltage (V)
-40°C
+85°C
+25°C
Figure 18. Power Supply Rejection Ratio in CCM
Figure 19. Switching Frequency in CCM


유사한 부품 번호 - FAN5350UCX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5350UCX FAIRCHILD-FAN5350UCX Datasheet
485Kb / 15P
   3MHz, 600mA Step-Down DC-DC Converter in Chip-Scale and MLP Packaging
logo
ON Semiconductor
FAN5350UCX ONSEMI-FAN5350UCX Datasheet
391Kb / 15P
   600mA Step-Down DC-DC Converter in Chip-Scale and MLP Packaging
October-2017, Rev . 2
More results

유사한 설명 - FAN5350UCX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5350 FAIRCHILD-FAN5350 Datasheet
485Kb / 15P
   3MHz, 600mA Step-Down DC-DC Converter in Chip-Scale and MLP Packaging
logo
ON Semiconductor
FAN5350 ONSEMI-FAN5350 Datasheet
391Kb / 15P
   600mA Step-Down DC-DC Converter in Chip-Scale and MLP Packaging
October-2017, Rev . 2
logo
Analog Devices
ADP2102 AD-ADP2102 Datasheet
230Kb / 7P
   600mA 3MHz Synchronous Step-Down DC-DC Converter
Rev. PrA
logo
Diodes Incorporated
PAM2304 DIODES-PAM2304 Datasheet
449Kb / 12P
   3MHz, 1A STEP-DOWN DC-DC CONVERTER
logo
Power Analog Micoelectr...
PAM2304 PAM-PAM2304 Datasheet
338Kb / 14P
   3MHz, 1A Step-Down DC-DC Converter
logo
National Semiconductor ...
LM3671 NSC-LM3671_08 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
LM3677 NSC-LM3677_08 Datasheet
7Mb / 22P
   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3671 NSC-LM3671_07 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
logo
Texas Instruments
LM3677 TI1-LM3677 Datasheet
11Mb / 30P
[Old version datasheet]   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3677 TI-LM3677_15 Datasheet
11Mb / 28P
[Old version datasheet]   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com