전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FSB32560 데이터시트(PDF) 6 Page - Fairchild Semiconductor

부품명 FSB32560
상세설명  Smart Power Module
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSB32560 데이터시트(HTML) 6 Page - Fairchild Semiconductor

Back Button FSB32560 Datasheet HTML 2Page - Fairchild Semiconductor FSB32560 Datasheet HTML 3Page - Fairchild Semiconductor FSB32560 Datasheet HTML 4Page - Fairchild Semiconductor FSB32560 Datasheet HTML 5Page - Fairchild Semiconductor FSB32560 Datasheet HTML 6Page - Fairchild Semiconductor FSB32560 Datasheet HTML 7Page - Fairchild Semiconductor FSB32560 Datasheet HTML 8Page - Fairchild Semiconductor FSB32560 Datasheet HTML 9Page - Fairchild Semiconductor FSB32560 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
www.fairchildsemi.com
FSB32560 Rev. A
Electrical Characteristics (T
J = 25°C, Unless Otherwise Specified)
Inverter Part
Note:
3. tON and tOFF include the propagation delay time of the internal drive IC. tC(ON) and tC(OFF) are the switching time of IGBT itself under the given gate driving condition internally.
For the detailed information, please see Figure 4.
Figure 4. Switching Time Definition
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VCE(SAT)
Collector-Emitter Saturation
Voltage
VCC = VBS = 15V
VIN = 5V
IC = 25A, TJ = 25°C
-
2.15
2.85
V
VF
FWD Forward Voltage
VIN = 0V
IC = 25A, TJ = 25°C
-
2.20
2.90
V
HS
tON
Switching Times
VPN = 300V, VCC = VBS = 15V
IC = 12A
VIN = 0V ↔ 5V, Inductive Load
(Note 3)
-0.31
-
μs
tC(ON)
-0.15
-
μs
tOFF
-0.90
-
μs
tC(OFF)
-0.34
-
μs
trr
-0.10
-
μs
LS
tON
VPN = 300V, VCC = VBS = 15V
IC = 12A
VIN = 0V ↔ 5V, Inductive Load
(Note 3)
-0.58
-
μs
tC(ON)
-0.30
-
μs
tOFF
-0.96
-
μs
tC(OFF)
-0.37
-
μs
trr
-0.10
-
μs
ICES
Collector-Emitter
Leakage Current
VCE = VCES
-
-
250
μA
V
CE
I
C
V
IN
t
ON
t
C(ON)
V
IN(ON)
10% I
C
10% V
CE
90% I
C
100% I
C
t
rr
100% I
C
V
CE
I
C
V
IN
t
OFF
t
C(OFF)
V
IN(OFF)
10% V
CE
10% I
C
(a) turn-on
(b) turn-off


유사한 부품 번호 - FSB32560

제조업체부품명데이터시트상세설명
logo
OptoSupply Internationa...
FSB3TS OPTOSUPPLY-FSB3TS Datasheet
1Mb / 5P
   PRODUCT SPECIFICATION FOR LED Ribbon Light
More results

유사한 설명 - FSB32560

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FSBS10CH60 FAIRCHILD-FSBS10CH60 Datasheet
553Kb / 16P
   Smart Power Module
FSBB20CH60L FAIRCHILD-FSBB20CH60L Datasheet
251Kb / 16P
   Smart Power Module
FSBF10CH60BT FAIRCHILD-FSBF10CH60BT Datasheet
402Kb / 17P
   Smart Power Module
FSBF15CH60BT FAIRCHILD-FSBF15CH60BT Datasheet
429Kb / 17P
   Smart Power Module
FSBF5CH60B FAIRCHILD-FSBF5CH60B Datasheet
404Kb / 17P
   Smart Power Module
FNA40560 FAIRCHILD-FNA40560 Datasheet
920Kb / 15P
   Smart Power Module
FNB41560 FAIRCHILD-FNB41560 Datasheet
910Kb / 15P
   Smart Power Module
logo
ON Semiconductor
FSB50250AB ONSEMI-FSB50250AB Datasheet
1Mb / 12P
   Smart Power Module
January 2012 Rev. A
logo
Fairchild Semiconductor
FNA41060_1010 FAIRCHILD-FNA41060_1010 Datasheet
1Mb / 16P
   Smart Power Module
FNA40860 FAIRCHILD-FNA40860 Datasheet
920Kb / 15P
   Smart Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com