전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FSB32560 데이터시트(PDF) 9 Page - Fairchild Semiconductor

부품명 FSB32560
상세설명  Smart Power Module
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSB32560 데이터시트(HTML) 9 Page - Fairchild Semiconductor

Back Button FSB32560 Datasheet HTML 5Page - Fairchild Semiconductor FSB32560 Datasheet HTML 6Page - Fairchild Semiconductor FSB32560 Datasheet HTML 7Page - Fairchild Semiconductor FSB32560 Datasheet HTML 8Page - Fairchild Semiconductor FSB32560 Datasheet HTML 9Page - Fairchild Semiconductor FSB32560 Datasheet HTML 10Page - Fairchild Semiconductor FSB32560 Datasheet HTML 11Page - Fairchild Semiconductor FSB32560 Datasheet HTML 12Page - Fairchild Semiconductor FSB32560 Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
www.fairchildsemi.com
FSB32560 Rev. A
Time Charts of SPMs Protective Function
a1 : Control supply voltage rises: After the voltage rises UVCCR, the circuits start to operate when next input is applied.
a2 : Normal operation: IGBT ON and carrying current.
a3 : Under voltage detection (UVCCD).
a4 : IGBT OFF in spite of control input condition.
a5 : Fault output operation starts.
a6 : Under voltage reset (UVCCR).
a7 : Normal operation: IGBT ON and carrying current.
Figure 6. Under-Voltage Protection (Low-side)
b1 : Control supply voltage rises: After the voltage reaches UVBSR, the circuits start to operate when next input is applied.
b2 : Normal operation: IGBT ON and carrying current.
b3 : Under voltage detection (UVBSD).
b4 : IGBT OFF in spite of control input condition, but there is no fault output signal.
b5 : Under voltage reset (UVBSR)
b6 : Normal operation: IGBT ON and carrying current
Figure 7. Under-Voltage Protection (High-side)
Input Signal
Output Current
Fault Output Signal
Control
Supply Voltage
RESET
UV
CCR
Protection
Circuit State
SET
RESET
UV
CCD
a1
a3
a2
a4
a6
a5
a7
Input Signal
Output Current
Fault Output Signal
Control
Supply Voltage
RESET
UV
BSR
Protection
Circuit State
SET
RESET
UV
BSD
b1
b3
b2
b4
b6
b5
High-level (no fault output)


유사한 부품 번호 - FSB32560

제조업체부품명데이터시트상세설명
logo
OptoSupply Internationa...
FSB3TS OPTOSUPPLY-FSB3TS Datasheet
1Mb / 5P
   PRODUCT SPECIFICATION FOR LED Ribbon Light
More results

유사한 설명 - FSB32560

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FSBS10CH60 FAIRCHILD-FSBS10CH60 Datasheet
553Kb / 16P
   Smart Power Module
FSBB20CH60L FAIRCHILD-FSBB20CH60L Datasheet
251Kb / 16P
   Smart Power Module
FSBF10CH60BT FAIRCHILD-FSBF10CH60BT Datasheet
402Kb / 17P
   Smart Power Module
FSBF15CH60BT FAIRCHILD-FSBF15CH60BT Datasheet
429Kb / 17P
   Smart Power Module
FSBF5CH60B FAIRCHILD-FSBF5CH60B Datasheet
404Kb / 17P
   Smart Power Module
FNA40560 FAIRCHILD-FNA40560 Datasheet
920Kb / 15P
   Smart Power Module
FNB41560 FAIRCHILD-FNB41560 Datasheet
910Kb / 15P
   Smart Power Module
logo
ON Semiconductor
FSB50250AB ONSEMI-FSB50250AB Datasheet
1Mb / 12P
   Smart Power Module
January 2012 Rev. A
logo
Fairchild Semiconductor
FNA41060_1010 FAIRCHILD-FNA41060_1010 Datasheet
1Mb / 16P
   Smart Power Module
FNA40860 FAIRCHILD-FNA40860 Datasheet
920Kb / 15P
   Smart Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com