전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FSB50450S 데이터시트(PDF) 5 Page - Fairchild Semiconductor

부품명 FSB50450S
상세설명  Smart Power Module (SPM짰)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSB50450S 데이터시트(HTML) 5 Page - Fairchild Semiconductor

  FSB50450S Datasheet HTML 1Page - Fairchild Semiconductor FSB50450S Datasheet HTML 2Page - Fairchild Semiconductor FSB50450S Datasheet HTML 3Page - Fairchild Semiconductor FSB50450S Datasheet HTML 4Page - Fairchild Semiconductor FSB50450S Datasheet HTML 5Page - Fairchild Semiconductor FSB50450S Datasheet HTML 6Page - Fairchild Semiconductor FSB50450S Datasheet HTML 7Page - Fairchild Semiconductor FSB50450S Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
www.fairchildsemi.com
FSB50450S Rev. B
Figure 4. Switching Time Definition
Figure 5. Switching and RBSOA(Single-pulse) Test Circuit (Low-side)
Figure 6. Undervoltage Protection (Low-side)
Figure 7. Undervoltage Protection (High-side)
t
ON
t
rr
I
rr
100% of I
D
120% of I
D
(a) Turn-on
t
OFF
(b) Turn-off
I
D
V
DS
V
DS
I
D
V
IN
V
IN
10% of I
D
COM
VCC
LIN
HIN
VB
HO
VS
LO
One-leg Diagram of SPM
I
D
V
CC
R
BS
R
EH
C
BS
LV
DC
+
V
DS
-
UV
CCD
UV
CCR
Input Signal
UV Protection
Status
Low-side Supply, V
CC
MOSFET Current
RESET
DETECTION
RESET
UV
BSD
UV
BSR
Input Signal
UV Protection
Status
High-side Supply, V
BS
MOSFET Current
RESET
DETECTION
RESET


유사한 부품 번호 - FSB50450S

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FSB50450S FAIRCHILD-FSB50450S Datasheet
299Kb / 8P
   Smart Power Module (SPM)
FSB50450S FAIRCHILD-FSB50450S Datasheet
150Kb / 8P
   Smart Power Module (SPM)
FSB50450S FAIRCHILD-FSB50450S_07 Datasheet
299Kb / 8P
   Smart Power Module (SPM)
More results

유사한 설명 - FSB50450S

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FSB50250 FAIRCHILD-FSB50250_07 Datasheet
317Kb / 8P
   Smart Power Module (SPM짰)
FSB50325S FAIRCHILD-FSB50325S_07 Datasheet
297Kb / 8P
   Smart Power Module (SPM짰)
FSB50250AB FAIRCHILD-FSB50250AB Datasheet
1Mb / 10P
   Smart Power Module (SPM짰)
FSB50250A FAIRCHILD-FSB50250A Datasheet
1Mb / 10P
   Smart Power Module(SPM짰)
FSB50450A FAIRCHILD-FSB50450A Datasheet
1Mb / 10P
   Smart Power Module (SPM짰)
FSB50450UD FAIRCHILD-FSB50450UD Datasheet
864Kb / 9P
   Smart Power Module (SPM짰)
FSB50325T FAIRCHILD-FSB50325T_07 Datasheet
283Kb / 8P
   Smart Power Module (SPM짰)
FSB50550U FAIRCHILD-FSB50550U Datasheet
349Kb / 8P
   Smart Power Module (SPM짰)
FSB50550US FAIRCHILD-FSB50550US Datasheet
304Kb / 8P
   Smart Power Module (SPM짰)
FSB50325A FAIRCHILD-FSB50325A Datasheet
1Mb / 10P
   Smart Power Module (SPM짰)
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com