전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC5768MC-5F672C 데이터시트(PDF) 46 Page - Lattice Semiconductor

부품명 LC5768MC-5F672C
상세설명  3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LATTICE [Lattice Semiconductor]
홈페이지  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC5768MC-5F672C 데이터시트(HTML) 46 Page - Lattice Semiconductor

Back Button LC5768MC-5F672C Datasheet HTML 42Page - Lattice Semiconductor LC5768MC-5F672C Datasheet HTML 43Page - Lattice Semiconductor LC5768MC-5F672C Datasheet HTML 44Page - Lattice Semiconductor LC5768MC-5F672C Datasheet HTML 45Page - Lattice Semiconductor LC5768MC-5F672C Datasheet HTML 46Page - Lattice Semiconductor LC5768MC-5F672C Datasheet HTML 47Page - Lattice Semiconductor LC5768MC-5F672C Datasheet HTML 48Page - Lattice Semiconductor LC5768MC-5F672C Datasheet HTML 49Page - Lattice Semiconductor LC5768MC-5F672C Datasheet HTML 50Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 92 page
background image
Lattice Semiconductor
ispXPLD 5000MX Family Data Sheet
46
Power Consumption
Power Estimation Coefficients
Memory Coefficients
• K0 = Current per MFB input (µA/MHz)
• K1 = Current per Product Term (µA/MHz)
• K2 = Current per GRP from MFB (µA/MHz)
• K3 = Current per GRP from I/O (µA/MHz)
• K4 = Global clock tree current (µA/MHz)
• K5 = PLL digital (mA/MHz)
• K6 = PLL analog (mA/MHz)
• K7 = PLL analog baseline (mA)
• DC = Baseline current at 0Mhz (mA)
• K8 = CAM frequency component (mA/MHz)
• K9 = CAM DC component (mA)
• K10 = Current per row decoder (µA/MHz)
Device
K0
K1
K2
K3
K4
K5
K6
K7
DC
ispXPLD
5000MC
ispXPLD
5000MV/B
ispXPLD 5256
2.2
8.4
7
12
100
0.1379
0.0433
6.476
16
24
ispXPLD 5512
2.2
8.4
9.4
18
151
0.1379
0.0433
6.476
17
25
ispXPLD 5768
2.2
8.4
10.2
21
170
0.1379
0.0433
6.476
27
36
ispXPLD 51024
2.2
8.4
13
27.6
200
0.1379
0.0433
6.476
35
43
Note: For further information about the use of these coefficients, refer to technical note TN1031, Power Estimation in ispXPLD 5000MX
Devices.
Device
K8
K9
K10
K11
ispXPLD 5256
0.004719
0.0924
4.4
2.9
ispXPLD 5512
0.004719
0.0924
4.4
2.9
ispXPLD 5768
0.004719
0.0924
4.4
2.9
ispXPLD 51024
0.004719
0.0924
4.4
2.9
ispXPLD 5000MC Typical ICC vs. Frequency
0
100
200
300
400
500
600
700
800
0
Note: The device is configured with maximum
number of 16-bit counters, no PLL, typical
current at 3.3V (MV) or 2.5V (MB), 25°C.
Note: The device is configured with maximum
number of 16-bit counters, no PLL, typical
current at 1.8V, 25°C.
100
200
400
Operating Frequency (MHz)
5512MC
5256MC
51024MC
5768MC
ispXPLD 5000MV/B Typical ICC vs. Frequency
Operating Frequency (MHz)
0
100
200
300
400
500
600
700
800
0
100
200
400
5512V/B
5768MV/B
5256V/B
51024V/B


유사한 부품 번호 - LC5768MC-5F672C

제조업체부품명데이터시트상세설명
logo
Lattice Semiconductor
LC5768MC-5F256C LATTICE-LC5768MC-5F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5768MC-5F484C LATTICE-LC5768MC-5F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
More results

유사한 설명 - LC5768MC-5F672C

제조업체부품명데이터시트상세설명
logo
Lattice Semiconductor
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
logo
Altera Corporation
EPM7064LI44-15 ALTERA-EPM7064LI44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3512AQC208-10N ALTERA-EPM3512AQC208-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM7064STI44-7N ALTERA-EPM7064STI44-7N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8452AQC160-3 ALTERA-EPF8452AQC160-3 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM7064STI44-7 ALTERA-EPM7064STI44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032LC44-15 ALTERA-EPM7032LC44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com