전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC5768MC-5F672C 데이터시트(PDF) 58 Page - Lattice Semiconductor

부품명 LC5768MC-5F672C
상세설명  3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LATTICE [Lattice Semiconductor]
홈페이지  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC5768MC-5F672C 데이터시트(HTML) 58 Page - Lattice Semiconductor

Back Button LC5768MC-5F672C Datasheet HTML 54Page - Lattice Semiconductor LC5768MC-5F672C Datasheet HTML 55Page - Lattice Semiconductor LC5768MC-5F672C Datasheet HTML 56Page - Lattice Semiconductor LC5768MC-5F672C Datasheet HTML 57Page - Lattice Semiconductor LC5768MC-5F672C Datasheet HTML 58Page - Lattice Semiconductor LC5768MC-5F672C Datasheet HTML 59Page - Lattice Semiconductor LC5768MC-5F672C Datasheet HTML 60Page - Lattice Semiconductor LC5768MC-5F672C Datasheet HTML 61Page - Lattice Semiconductor LC5768MC-5F672C Datasheet HTML 62Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 92 page
background image
Lattice Semiconductor
ispXPLD 5000MX Family Data Sheet
58
1
13P
B24
A16
B25
T4
V6
——
VCCO1
——
57
VCCO1
VCCO1
1
13N
B26
A18
B27
T5
V7
1
14P
B28
A20
B29
R4
Y5
1
14N
B30
A22
B31
N6
AA5
1
15P
C0
C1
R5
Y6
1
15N
C2
C3
P6
Y7
1
16P
C4
C5
AA6
1
16N
C8
C9
AA7
1
17P
C10
C11
W7
1
17N
C12
C13
M7
1
V8
1
18P
C16
C17
T6
W8
1
18N
C18
C19
R6
U9
GND0 (Bank 1)
GND (Bank 1) GND (Bank 1)
CFG0
58
L8
U10
——
VCCO1
——
VCCO1
VCCO1
1
19P
C24
B16
D16
C25
59
T7
AB7
1
19N
C26
B17
D17
C27
60
R7
AA8
1
20P
C28
B18
D18
C29
61
N7
AB8
1
20N
D0
B19
D19
D1
62
P7
AB9
1
21P
D2
B20
D20
D3
63
T8
W9
1
21N
D4
B21
D21
D5
64
R8
Y9
1
22P
D6
B22
D22
D7
65
M8
AB10
1
22N
D8
B23
D23
D9
66
P8
AA10
1
D10/VREF1
D11
67
L9
W10
1
23P
D12
B24
D24
D13
68
N8
Y10
1
23N
D16
B25
D25
D17
69
M9
Y11
GND (Bank 1)
70
GND (Bank 1) GND (Bank 1)
1
24P
D18
B26
D26
D19
71
N10
V9
VCCO1
72
VCCO1
VCCO1
1
24N
D20
B27
D27
D21
73
T9
V10
1
25P
D22
B28
D28
D23
74
T10
AA11
1
25N
D24
B29
D29
D25
75
R9
AB11
VCC
76
VCC
VCC
1
26P
D26
B30
D30
D27
77
P9
U11
1
26N
D28
B31
D31
D29
78
N9
V11
2
27P
E0
F0
H0
E1
79
T11
AB12
2
27N
E2
F1
H1
E3
80
T12
AA12
GND
81
NC
GND
GND
GND
GND
2
28P
E4
F2
H2
E5
82
P10
Y12
2
28N
E6
F3
H3
E7
83
R10
AA13
2
29P
E8
F4
H4
E9
84
R11
V12
ispXPLD 5512MX Logic Signal Connections (Continued)
sysIO
Bank
LVDS
Pair
Primary Macrocell/
Function
Alternate Outputs
Alternate
Input
208 PQFP
Pin Number
256 fpBGA
Ball Number
484 fpBGA
Ball Number
Macrocell 1 Macrocell 2


유사한 부품 번호 - LC5768MC-5F672C

제조업체부품명데이터시트상세설명
logo
Lattice Semiconductor
LC5768MC-5F256C LATTICE-LC5768MC-5F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5768MC-5F484C LATTICE-LC5768MC-5F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
More results

유사한 설명 - LC5768MC-5F672C

제조업체부품명데이터시트상세설명
logo
Lattice Semiconductor
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
logo
Altera Corporation
EPM7064LI44-15 ALTERA-EPM7064LI44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3512AQC208-10N ALTERA-EPM3512AQC208-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM7064STI44-7N ALTERA-EPM7064STI44-7N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8452AQC160-3 ALTERA-EPF8452AQC160-3 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM7064STI44-7 ALTERA-EPM7064STI44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032LC44-15 ALTERA-EPM7032LC44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com