전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FFP08S60SNTU 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 FFP08S60SNTU
상세설명  8A, 600V STEALTHTM II Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFP08S60SNTU 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  FFP08S60SNTU Datasheet HTML 1Page - Fairchild Semiconductor FFP08S60SNTU Datasheet HTML 2Page - Fairchild Semiconductor FFP08S60SNTU Datasheet HTML 3Page - Fairchild Semiconductor FFP08S60SNTU Datasheet HTML 4Page - Fairchild Semiconductor FFP08S60SNTU Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
FFP08S60SN Rev. A
www.fairchildsemi.com
2
Electrical Characteristics T
C = 25
oC unless otherwise noted
Symbol
Parameter
Min.
Typ.
Max.
Units
VFM1
IF = 8A
IF = 8A
TC = 25
oC
TC = 125
oC
-
-
2.7
2.1
3.4
-
V
IRM1
VR = 600V
VR = 600V
TC = 25
oC
TC = 125
oC
-
-
-
-
100
500
µA
trr
IF = 1A, di/dt = 100A/µs, VR = 30V
TC = 25
oC-
13
-
ns
trr
Irr
S factor
Qrr
IF = 8A, di/dt = 200A/µs, VR = 390V
TC = 25
oC
-
-
-
-
15
2.5
0.4
19
25
-
-
-
ns
A
nC
trr
Irr
S factor
Qrr
IF = 8A, di/dt = 200A/µs, VR = 390V
TC = 125
oC
-
-
-
-
32
3.8
0.7
62
-
-
-
-
ns
A
nC
WAVL
Avalanche Energy ( L = 40mH)
10
-
-
mJ
Test Circuit and Waveforms
Notes:
1: Pulse: Test Pulse width = 300
µs, Duty Cycle = 2%


유사한 부품 번호 - FFP08S60SNTU

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FFP08S60S FAIRCHILD-FFP08S60S Datasheet
135Kb / 5P
   Stealth 2 Rectifier
FFP08S60S FAIRCHILD-FFP08S60S Datasheet
682Kb / 15P
   Power Factor Correction Converter Design
FFP08S60S FAIRCHILD-FFP08S60S Datasheet
620Kb / 17P
   PFCPWM Combination Controller
FFP08S60STU FAIRCHILD-FFP08S60STU Datasheet
135Kb / 5P
   Stealth 2 Rectifier
FFP08S60STU FAIRCHILD-FFP08S60STU Datasheet
139Kb / 5P
   8A, 600V STEALTHTM II Rectifier
More results

유사한 설명 - FFP08S60SNTU

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FFP08S60S FAIRCHILD-FFP08S60S_07 Datasheet
139Kb / 5P
   8A, 600V STEALTHTM II Rectifier
FFPF08S60SN FAIRCHILD-FFPF08S60SN Datasheet
153Kb / 5P
   8A, 600V STEALTHTM II Rectifier
FFPF08S60ST FAIRCHILD-FFPF08S60ST_12 Datasheet
294Kb / 5P
   8A, 600V STEALTHTM II Rectifier
FFD08S60S FAIRCHILD-FFD08S60S Datasheet
498Kb / 5P
   STEALTHTM II Rectifier 8A, 600V Stealth2 Rectifier
FFPF15S60S FAIRCHILD-FFPF15S60S Datasheet
241Kb / 5P
   15A, 600V STEALTHTM II Rectifier
FFPF60SB60DS FAIRCHILD-FFPF60SB60DS Datasheet
264Kb / 5P
   4A, 600V STEALTHTM II Rectifier
FFP30S60S FAIRCHILD-FFP30S60S_12 Datasheet
511Kb / 6P
   30A, 600V STEALTHTM II Rectifier
FFPF04S60S FAIRCHILD-FFPF04S60S Datasheet
238Kb / 5P
   4A, 600V STEALTHTM II Rectifier
logo
Diodes Incorporated
DSR8F600 DIODES-DSR8F600 Datasheet
548Kb / 6P
   600V 8A HYPERFAST RECTIFIER
logo
Silicon Supplies
MURC860 SS-MURC860 Datasheet
1Mb / 4P
   600V 8A 50ns Rectifier
Rev 1.0 27/12/22
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com