전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KWL-1020U2 데이터시트(PDF) 1 Page - Lucky Light Electronic

부품명 KWL-1020U2
상세설명  Light Bar Display
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LUCKY-LIGHT [Lucky Light Electronic]
홈페이지  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

KWL-1020U2 데이터시트(HTML) 1 Page - Lucky Light Electronic

  KWL-1020U2 Datasheet HTML 1Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KWL-1020Ux SERIES
Light Bar
Display
DESCRIPTION:
The KWL-1020Ux series is 10.16mm x 20.16mm rectangular type light bar
display designed for a variety of applications where a large source of light is
required, such as panel indicators, backlight legends and light arrays.
INTERNAL CIRCUIT DIAGRAM
20.00(0.79)
18.60(0.73)
7.50 + 0.5
7.62(0.3)
2.54*7=17.50(0.69)
φ0.50(0.02)
6.15(0.24)
A
1
2
E
16
15
B
3
4
F
14
13
C
5
6
G
12
11
D
7
8
H
10
9
PACKAGE DIMENSIONS
PART NO. SELECTION AND APPLICATION INFORMATION (RATINGS AT 25
o
C AMBIENT)
C.C
or
C.A
Hi-Eff. Red
Super Red
Green
Super Green
Yellow
Emitted
Color
GaAsP/GaP
GaAlAs
GaP
GaP
GaAsP/GaP
Raw
Material
Chip
635
660
565
570
585
45
20
30
30
30
∆λ
(nm)
100
100
100
100
100
Pd
(mW)
100
100
100
100
100
If
(Peak)
(mA)
If
(Rec)
mA
Absolute Maximum Ratings
50
50
50
50
50
If
(mA)
1.7
1.5
1.7
1.7
1.7
1.9
1.9
2.2
2.2
1.9
2.6
2.6
2.6
2.6
2.6
10-20
10-20
10-20
10-20
10-20
6.0
15.0
6.0
8.5
6.0
16.0
32.0
14.0
20.0
14.0
Electro-optical Characteristic
KWL-1020U3
KWL-1020US
KWL-1020U2
KWL-1020UG
KWL-1020U6
Part No.
No
Common
Polar
Wave
Length
λρ (nm)
Vf (V)
Per Chip
Min. Typ. Max.
Iv (mcd)
Min.
Typ.
REMARKS : 1. The average luminous intensity is obtained by summing the luminous intensity of each segment and dividing by the total number of segments.
2. Luminous intensity is measured with a light sensor and filter combination that approximates the CIE (International Commission on Illumination) eye-response curve.
3. Clean only by pure water, isopropanol, ethanol, Freon TF (or equivalent).
TESTING CONDITION FOR EACH PARAMETER :
Parameter
Forward Voltage
Peak Emission Wave Length
Spectral Line Half-Width
Reverse Current
Average Luminous Intensity
Symbol
Vf
λρ
∆λ
Ir
Iv
Unit
V
nm
nm
µA
µ cd
Test Condition
If=20mA
If=20mA
If=20mA
Vr=5V
If=10mA
ABSOLUTE MAXIMUM RATINGS: (Ta=25
o
C)
Max
5 V
100
µA
0.4mA/
oC
-40
oC To 85oC
-40
oC To 100oC
Parameter
Reverse Voltage per segment
Reverse Current per segment (Vr = 5V)
Derating Linear from 25
oC per segment
Operating Temperature Range
Storage Temperature Range
Soldering Temperature 1.6mm(1/16") from body for 5 sec. at 260
oC
NOTES : 1. All dimensions are in millimeters (inches).
2. Tolerance is +0.25mm(0.010) unless otherwise specified.
3. Specifications are subject to change without notice.
4. NP: No Pin.
5. NC: No Connect.
+
_


유사한 부품 번호 - KWL-1020U2

제조업체부품명데이터시트상세설명
logo
Lucky Light Electronic
KWL-1001U2 LUCKY-LIGHT-KWL-1001U2 Datasheet
46Kb / 1P
   Light Bar Graph Array Display
KWL-1001U3 LUCKY-LIGHT-KWL-1001U3 Datasheet
46Kb / 1P
   Light Bar Graph Array Display
KWL-1001U5 LUCKY-LIGHT-KWL-1001U5 Datasheet
46Kb / 1P
   Light Bar Graph Array Display
KWL-1001U6 LUCKY-LIGHT-KWL-1001U6 Datasheet
46Kb / 1P
   Light Bar Graph Array Display
KWL-1001UG LUCKY-LIGHT-KWL-1001UG Datasheet
46Kb / 1P
   Light Bar Graph Array Display
More results

유사한 설명 - KWL-1020U2

제조업체부품명데이터시트상세설명
logo
Lucky Light Electronic
KWL-2727UX LUCKY-LIGHT-KWL-2727UX Datasheet
43Kb / 1P
   Light Bar Display
KWL-1111UX LUCKY-LIGHT-KWL-1111UX Datasheet
43Kb / 1P
   Light Bar Display
KWL-1515UXX LUCKY-LIGHT-KWL-1515UXX Datasheet
45Kb / 1P
   Light Bar Display
KWL-2727UXX LUCKY-LIGHT-KWL-2727UXX Datasheet
45Kb / 1P
   Light Bar Display
KWL-1515UX LUCKY-LIGHT-KWL-1515UX Datasheet
43Kb / 1P
   Light Bar Display
KWL-3232UX LUCKY-LIGHT-KWL-3232UX Datasheet
43Kb / 1P
   Light Bar Display
logo
LIGITEK electronics co....
LBD511SGL-XX-PF LIGITEK-LBD511SGL-XX-PF Datasheet
120Kb / 8P
   LIGHT BAR LED DISPLAY
LBD511SGM-XX-PF LIGITEK-LBD511SGM-XX-PF Datasheet
120Kb / 8P
   LIGHT BAR LED DISPLAY
LBD2414-XX-PF LIGITEK-LBD2414-XX-PF Datasheet
151Kb / 8P
   LIGHT BAR LED DISPLAY
LBD5113-XX-PF LIGITEK-LBD5113-XX-PF Datasheet
120Kb / 8P
   LIGHT BAR LED DISPLAY
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com