전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDS8870 데이터시트(PDF) 5 Page - Fairchild Semiconductor

부품명 FDS8870
상세설명  N-Channel PowerTrench짰 MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS8870 데이터시트(HTML) 5 Page - Fairchild Semiconductor

  FDS8870 Datasheet HTML 1Page - Fairchild Semiconductor FDS8870 Datasheet HTML 2Page - Fairchild Semiconductor FDS8870 Datasheet HTML 3Page - Fairchild Semiconductor FDS8870 Datasheet HTML 4Page - Fairchild Semiconductor FDS8870 Datasheet HTML 5Page - Fairchild Semiconductor FDS8870 Datasheet HTML 6Page - Fairchild Semiconductor FDS8870 Datasheet HTML 7Page - Fairchild Semiconductor FDS8870 Datasheet HTML 8Page - Fairchild Semiconductor FDS8870 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
©2007 Fairchild Semiconductor Corporation
FDS8870 Rev. B
www.fairchildsemi.com
5
NOTE: Refer to Fairchild Application Notes AN7514 and AN7515
Figure 5. Unclamped Inductive Switching
Capability
Figure 6. Transfer Characteristics
Figure 7. Saturation Characteristics
Figure 8. Drain to Source On Resistance vs Gate
Voltage and Drain Current
Figure 9. Normalized Drain to Source On
Resistance vs Junction Temperature
Figure 10. Normalized Gate Threshold Voltage vs
Junction Temperature
Typical Characteristics T
J = 25°C unless otherwise noted
1
10
100
0.1
1
10
100
tAV, TIME IN AVALANCHE (ms)
STARTING TJ = 25oC
STARTING TJ = 150oC
tAV = (L)(IAS)/(1.3*RATED BVDSS - VDD)
If R = 0
If R
≠ 0
tAV = (L/R)ln[(IAS*R)/(1.3*RATED BVDSS - VDD) +1]
1.5
2.0
2.5
3.0
3.5
0
10
20
30
40
50
VDS = 5V
PULSE DURATION = 80µs
DUTY CYCLE = 0.5%MAX
TJ = -55oC
TJ = 25oC
TJ = 150oC
VGS, GATE TO SOURCE VOLTAGE (V)
0
10
20
30
40
50
0
0.1
0.2
0.3
0.4
0.5
VDS, DRAIN TO SOURCE VOLTAGE (V)
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VGS = 3V
VGS = 10V
TA = 25oC
VGS = 5V
VGS = 2.5V
VGS = 4V
4
6
8
10
12
14
24
68
10
VGS, GATE TO SOURCE VOLTAGE (V)
ID = 15A
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
0.6
0.8
1.0
1.2
1.4
1.6
TJ, JUNCTION TEMPERATURE (oC)
VGS = 10V, ID = 15A
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
-80
-40
0
40
80
120
160
0.6
1.0
1.2
TJ, JUNCTION TEMPERATURE (oC)
VGS = VDS, ID = 250µA
-80
-40
0
40
80
120
160
0.8


유사한 부품 번호 - FDS8870

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDS8870 FAIRCHILD-FDS8870 Datasheet
259Kb / 12P
   N-Channel PowerTrench MOSFET
FDS8870_NL FAIRCHILD-FDS8870_NL Datasheet
259Kb / 12P
   N-Channel PowerTrench MOSFET
More results

유사한 설명 - FDS8870

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDS8978 FAIRCHILD-FDS8978_11 Datasheet
704Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDMS86350 FAIRCHILD-FDMS86350 Datasheet
253Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8443_F085 FAIRCHILD-FDB8443_F085 Datasheet
621Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8896_F085 FAIRCHILD-FDB8896_F085 Datasheet
216Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDBL9401_F085 FAIRCHILD-FDBL9401_F085 Datasheet
385Kb / 6P
   N-Channel PowerTrench짰 MOSFET
FDD770N15A FAIRCHILD-FDD770N15A Datasheet
639Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDMS7698 FAIRCHILD-FDMS7698 Datasheet
256Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB075N15A FAIRCHILD-FDB075N15A Datasheet
311Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDP100N10 FAIRCHILD-FDP100N10 Datasheet
454Kb / 8P
   N-Channel PowerTrench짰 MOSFET
FDD8444L FAIRCHILD-FDD8444L Datasheet
282Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDS8896 FAIRCHILD-FDS8896_07 Datasheet
622Kb / 12P
   N-Channel PowerTrench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com