전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDS8958A 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 FDS8958A
상세설명  Dual N & P-Channel PowerTrenchO MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS8958A 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  FDS8958A Datasheet HTML 1Page - Fairchild Semiconductor FDS8958A Datasheet HTML 2Page - Fairchild Semiconductor FDS8958A Datasheet HTML 3Page - Fairchild Semiconductor FDS8958A Datasheet HTML 4Page - Fairchild Semiconductor FDS8958A Datasheet HTML 5Page - Fairchild Semiconductor FDS8958A Datasheet HTML 6Page - Fairchild Semiconductor FDS8958A Datasheet HTML 7Page - Fairchild Semiconductor FDS8958A Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
FDS8958A Rev F
3 (W)
Typical Characteristics: Q1 (N-Channel)
0
4
8
12
16
20
0
0.5
1
1.5
2
VDS, DRAIN-SOURCE VOLTAGE (V)
3.0V
4.5V
4.0V
VGS = 10.0V
3.5V
6.0V
0.6
1
1.4
1.8
2.2
0
4
8
12
16
20
ID, DRAIN CURRENT (A)
VGS = 3.5V
6.0V
5.0
4.5V
4.0
10.0V
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
0.6
0.8
1
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (
oC)
ID = 7A
VGS = 10.0V
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
2
4
6
8
10
VGS, GATE TO SOURCE VOLTAGE (V)
ID = 3.5A
TA = 125
oC
TA = 25
oC
Figure 3. On-Resistance Variation with
Temperature.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
0
4
8
12
16
20
1.5
2
2.5
3
3.5
4
VGS, GATE TO SOURCE VOLTAGE (V)
TA = 125
oC
-55oC
VDS = 5V
25oC
0.0001
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
VSD, BODY DIODE FORWARD VOLTAGE (V)
TA = 125
oC
25oC
-55oC
VGS = 0V
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation
with Source Current and Temperature.


유사한 부품 번호 - FDS8958A

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDS8958A FAIRCHILD-FDS8958A Datasheet
362Kb / 11P
   Dual N and P-Channel Enhancement Mode Field Effect Transistor
FDS8958A FAIRCHILD-FDS8958A Datasheet
804Kb / 8P
   Dual N & P-Channel PowerTrench MOSFET
logo
Guangdong Youtai Semico...
FDS8958A UMW-FDS8958A Datasheet
587Kb / 9P
   NP-Channel MOSFET
logo
ON Semiconductor
FDS8958A-F085 ONSEMI-FDS8958A-F085 Datasheet
543Kb / 8P
   Dual N & P-Channel PowerTrench횘 MOSFET
September-2017, Rev. 1
logo
Fairchild Semiconductor
FDS8958A FAIRCHILD-FDS8958A_07 Datasheet
311Kb / 9P
   Dual N and P-Channel PowerTrench MOSFET
More results

유사한 설명 - FDS8958A

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDG327NZ FAIRCHILD-FDG327NZ_08 Datasheet
497Kb / 5P
   20V N-Channel PowerTrenchO MOSFET
logo
Guangdong Youtai Semico...
IRF7309TR UMW-IRF7309TR Datasheet
2Mb / 11P
   Dual N P Channel MOSFET
IRF7389TR UMW-IRF7389TR Datasheet
443Kb / 10P
   Dual N P Channel MOSFET
IRF7319TR UMW-IRF7319TR Datasheet
430Kb / 10P
   Dual N P Channel MOSFET
logo
Fairchild Semiconductor
FDS8960C FAIRCHILD-FDS8960C Datasheet
175Kb / 8P
   Dual N & P-Channel PowerTrench MOSFET
FDS8962C FAIRCHILD-FDS8962C Datasheet
679Kb / 8P
   Dual N & P-Channel PowerTrench MOSFET
FDS8958 FAIRCHILD-FDS8958 Datasheet
233Kb / 8P
   Dual N & P-Channel PowerTrench MOSFET
logo
Alpha & Omega Semicondu...
AO4613 AOSMD-AO4613_10 Datasheet
219Kb / 7P
   30V Dual P N-Channel MOSFET
logo
Fairchild Semiconductor
FQG4902TU FAIRCHILD-FQG4902TU Datasheet
1Mb / 12P
   250V Dual N & P-Channel MOSFET
logo
International Rectifier
IRF5851TRPBF IRF-IRF5851TRPBF Datasheet
255Kb / 14P
   Dual N and P Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com