전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDW2511NZ 데이터시트(PDF) 6 Page - Fairchild Semiconductor

부품명 FDW2511NZ
상세설명  Dual N-Channel 2.5V Specified PowerTrench짰 MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDW2511NZ 데이터시트(HTML) 6 Page - Fairchild Semiconductor

Back Button FDW2511NZ Datasheet HTML 2Page - Fairchild Semiconductor FDW2511NZ Datasheet HTML 3Page - Fairchild Semiconductor FDW2511NZ Datasheet HTML 4Page - Fairchild Semiconductor FDW2511NZ Datasheet HTML 5Page - Fairchild Semiconductor FDW2511NZ Datasheet HTML 6Page - Fairchild Semiconductor FDW2511NZ Datasheet HTML 7Page - Fairchild Semiconductor FDW2511NZ Datasheet HTML 8Page - Fairchild Semiconductor FDW2511NZ Datasheet HTML 9Page - Fairchild Semiconductor FDW2511NZ Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
FDW2511NZ Rev. A1
www.fairchildsemi.com
6
Figure 11. Normalized Drain to Source
Breakdown Voltage vs Junction Temperature
Figure 12. Capacitance vs Drain to Source
Voltage
Figure 13. Gate Charge Waveforms for Constant Gate Currents
Typical Characteristic (Continued) T
A = 25°C unless otherwise noted
0.95
1.00
1.05
1.10
-80
-40
0
40
80
120
160
TJ, JUNCTION TEMPERATURE (
oC)
ID = 250µA
1000
0.1
1
10
2000
100
20
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 0V, f = 1MHz
CISS = CGS + CGD
COSS ≅ CDS + CGD
CRSS = CGD
0
1.5
03
9
12
Qg, GATE CHARGE (nC)
VDD = 10V
ID = 1A
ID = 7.1A
WAVEFORMS IN
DESCENDING ORDER:
4.5
3.0
6


유사한 부품 번호 - FDW2511NZ

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDW2511NZ FAIRCHILD-FDW2511NZ Datasheet
267Kb / 11P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
More results

유사한 설명 - FDW2511NZ

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDS9933BZ FAIRCHILD-FDS9933BZ Datasheet
292Kb / 6P
   Dual P-Channel 2.5V Specified PowerTrench짰 MOSFET
FDY302NZ FAIRCHILD-FDY302NZ Datasheet
218Kb / 6P
   FDY302NZ Single N-Channel 2.5V Specified PowerTrench짰 MOSFET
FDMJ1028N FAIRCHILD-FDMJ1028N Datasheet
424Kb / 7P
   N-Channel 2.5V Specified PowerTrench짰 MOSFET 20V, 3.2A, 90m廓
FDMA430NZ_0609 FAIRCHILD-FDMA430NZ_0609 Datasheet
634Kb / 7P
   Single N-Channel 2.5V Specified PowerTrench짰 MOSFET 30V, 5.0A, 40m?
FDC637BNZ FAIRCHILD-FDC637BNZ Datasheet
403Kb / 6P
   N-Channel 2.5V Specified PowerTrench짰 MOSFET 20V, 6.2A, 24m廓
FDR8305N FAIRCHILD-FDR8305N Datasheet
215Kb / 8P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDS6814 FAIRCHILD-FDS6814 Datasheet
230Kb / 6P
   Dual N-Channel 2.5V Specified PowerTrench??MOSFET
FDW2501NZ FAIRCHILD-FDW2501NZ Datasheet
92Kb / 6P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW9926A FAIRCHILD-FDW9926A Datasheet
117Kb / 5P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2601NZ FAIRCHILD-FDW2601NZ_08 Datasheet
719Kb / 11P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com