전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FIN324CGFX 데이터시트(PDF) 5 Page - Fairchild Semiconductor

부품명 FIN324CGFX
상세설명  24-Bit Ultra-Low Power Serializer / Deserializer Supporting Single and Dual Displays
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN324CGFX 데이터시트(HTML) 5 Page - Fairchild Semiconductor

  FIN324CGFX Datasheet HTML 1Page - Fairchild Semiconductor FIN324CGFX Datasheet HTML 2Page - Fairchild Semiconductor FIN324CGFX Datasheet HTML 3Page - Fairchild Semiconductor FIN324CGFX Datasheet HTML 4Page - Fairchild Semiconductor FIN324CGFX Datasheet HTML 5Page - Fairchild Semiconductor FIN324CGFX Datasheet HTML 6Page - Fairchild Semiconductor FIN324CGFX Datasheet HTML 7Page - Fairchild Semiconductor FIN324CGFX Datasheet HTML 8Page - Fairchild Semiconductor FIN324CGFX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN324C Rev. 1.1.2
5
System Control Pins
(M/S) Master / Slave Selection:
A given device can be
configured as a master or slave device based on the
state of the M/S pin.
Table 1. Master/Slave
M/S
Configuration
0
Slave Mode
1
Master Mode
(PAR/SPI) SPI Mode Selection:
The PAR/SPI signal
configures STRB0(WCLK0) for SPI mode write operation.
STRB1(WCLK1) always operates in parallel mode.
Control signals CNTL[5:0] all pass in SPI mode. In SPI
mode, the SCLK signal is used to strobe the serializer.
SPI mode supports SPI writes only.
Table 2. Channel 0 PAR/SPI Configuration
PAR
/SPI
M/S=1 MASTER
M/S=0 SLAVE
0
SPI Mode
SDAT=CNTL[4]
SCLK=CNTL[5]
/CS=STRB0
SPI Mode
SDAT=DP[7] & CNTL[4]
SCLK=DP[6] & CNTL[5]
/CS=WCLK0
1
Parallel Mode
Parallel Mode
(CKSEL) Strobe Selection Signal:
The CKSEL signal
exists only on the master device and determines which
strobe signal is active. The active strobe signal is
selected by CKSEL and PAR/SPI inputs.
Table 3. PAR/SPI
PAR
/SPI
CKSEL
Master
Strobe
Source
Slave Strobe
Source
0
0
CNTL[5]
DP[6] & CNTL[5]
0
1
STRB1
WCLK1
1
0
STRB0
WCLK0
1
1
STRB1
WCLK1
(/RES, /STBY) Reset and Standby Mode Functionality:
Reset and standby mode functionality is determined by
the state of the /RES and /STBY signals for the master
device and the /RES and internal standby-detect signal
for the slave device. The /RES control signal has a filter
that rejects spurious pulses on /RES.
Table 4. Reset and Standby Modes
/RES
/STBY
(2)
Master
Slave
0
X
Reset Mode
Reset Mode
1
0
Standby
Mode
Standby
Mode
(2)
1
1
Operating
Mode
Operating
Mode
Note:
2.
The slave device is put into standby mode through
control signals sent from the master device.
Table 5. Reset and Standby Mode States
Pin
Master
Reset / Standby
Slave
Reset
Slave
Standby
DP[17:0]
Disabled
Low
Last data
CNTL[5:0]
Disabled
Low
Last data
STRB[0:1]
(WCLK[0:1])
Disabled
High
High
(SLEW) Slew Control:
The slew control operates only
when in slave mode. This signal changes the edge rate
of the DP[17:0], CNTL[5:0], R/W, WCLK1, and WCLK0
signals to optimize edge rate for the load being driven.
Master read mode outputs have “slow” edge rates. See
the AC Deserializer Specifications table for “slow” and
“fast” edge rates.
Table 6. Slew Rate Control
/STBY (SLEW)
Slave M/S=0
0
“Slow”
1
“Fast”


유사한 부품 번호 - FIN324CGFX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FIN324CGFX FAIRCHILD-FIN324CGFX Datasheet
568Kb / 23P
   24-Bit Ultra-Low Power Serializer Deserializer Supporting Single and Dual Displays
More results

유사한 설명 - FIN324CGFX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FIN324C FAIRCHILD-FIN324C Datasheet
568Kb / 23P
   24-Bit Ultra-Low Power Serializer Deserializer Supporting Single and Dual Displays
FIN224C FAIRCHILD-FIN224C Datasheet
765Kb / 9P
   24-Bit Low-Power Serializer/Deserializer
FIN210AC FAIRCHILD-FIN210AC Datasheet
673Kb / 17P
   10-Bit Serializer / Deserializer Supporting Cameras and Small Displays up to 48MHz
FIN424C FAIRCHILD-FIN424C Datasheet
327Kb / 10P
   20-Bit Ultra-Low-Power Serializer / Deserializer for 關Controller and RGB Displays
FIN24C FAIRCHILD-FIN24C Datasheet
758Kb / 22P
   uSerDes Low Voltage 24-Bit Bi-Directional Serializer/Deserializer
logo
Vitesse Semiconductor C...
VSC7145 VITESSE-VSC7145 Datasheet
746Kb / 2P
   Dual Speed 10-bit Serializer/Deserializer
logo
National Semiconductor ...
DS90C124 NSC-DS90C124 Datasheet
865Kb / 17P
   5-35MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R103 NSC-DS99R103 Datasheet
890Kb / 22P
   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R105 NSC-DS99R105 Datasheet
922Kb / 24P
   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
logo
Texas Instruments
DS99R103 TI1-DS99R103_14 Datasheet
1Mb / 30P
[Old version datasheet]   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com