전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FQPF12N60C 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 FQPF12N60C
상세설명  600V N-Channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQPF12N60C 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  FQPF12N60C Datasheet HTML 1Page - Fairchild Semiconductor FQPF12N60C Datasheet HTML 2Page - Fairchild Semiconductor FQPF12N60C Datasheet HTML 3Page - Fairchild Semiconductor FQPF12N60C Datasheet HTML 4Page - Fairchild Semiconductor FQPF12N60C Datasheet HTML 5Page - Fairchild Semiconductor FQPF12N60C Datasheet HTML 6Page - Fairchild Semiconductor FQPF12N60C Datasheet HTML 7Page - Fairchild Semiconductor FQPF12N60C Datasheet HTML 8Page - Fairchild Semiconductor FQPF12N60C Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
www.fairchildsemi.com
FQP12N60C / FQPF12N60C Rev. B1
Typical Performance Characteristics
Figure 1. On-Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On-Resistance Variation vs.
Figure 4. Body Diode Forward Voltage
Drain Current and Gate Voltage
Variation vs. Source Current
and Temperatue
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
10
0
10
1
10
0
10
1
V
GS
Top :
15.0 V
10.0V
8.0V
7.0V
6.0V
5.5V
5.0V
Bottom: 4.5 V
Notes :
1. 250µs Pulse Test
2. T
C = 25
V
DS, Drain-Source Voltage [V]
24
68
10
10
-1
10
0
10
1
150
oC
25
oC
-55
oC
Notes :
1. V
DS = 40V
2. 250µs Pulse Test
V
GS, Gate-Source Voltage [V]
0
5
10
15
20
25
30
35
0.5
1.0
1.5
V
GS = 20V
V
GS = 10V
Note: T
J = 25
I
D, Drain Current [A]
0.2
0.4
0.6
0.8
1.0
1.2
1.4
10
-1
10
0
10
1
150℃
Notes :
1. V
GS = 0V
2. 250µs Pulse Test
25℃
V
SD, Source-Drain voltage [V]
10
-1
10
0
10
1
0
500
1000
1500
2000
2500
3000
3500
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
Notes ;
1. V
GS = 0 V
2. f =1MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]
0
10
20304050
0
2
4
6
8
10
12
V
DS = 300V
V
DS = 120V
V
DS = 480V
Note : I
D = 12A
Q
G, Total Gate Charge [nC]


유사한 부품 번호 - FQPF12N60C

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQPF12N60C FAIRCHILD-FQPF12N60C Datasheet
873Kb / 10P
   FQP12N60C/FQPF12N60C
logo
Kersemi Electronic Co.,...
FQPF12N60C KERSEMI-FQPF12N60C Datasheet
1Mb / 9P
   600V N-Channel MOSFET
logo
Fairchild Semiconductor
FQPF12N60C FAIRCHILD-FQPF12N60C Datasheet
1Mb / 10P
   600V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQPF12N60C ISC-FQPF12N60C Datasheet
303Kb / 2P
   isc Silicon NPN Power Transistor
logo
Fairchild Semiconductor
FQPF12N60CT FAIRCHILD-FQPF12N60CT Datasheet
804Kb / 8P
   600V N-Channel MOSFET
More results

유사한 설명 - FQPF12N60C

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQB3N60 FAIRCHILD-FQB3N60 Datasheet
581Kb / 9P
   600V N-Channel MOSFET
FCB11N60F FAIRCHILD-FCB11N60F Datasheet
1,004Kb / 8P
   600V N-Channel MOSFET
FCH47N60F_0605 FAIRCHILD-FCH47N60F_0605 Datasheet
978Kb / 8P
   600V N-Channel MOSFET
FCA16N60 FAIRCHILD-FCA16N60_06 Datasheet
962Kb / 9P
   600V N-Channel MOSFET
FQAF7N60 FAIRCHILD-FQAF7N60 Datasheet
578Kb / 8P
   600V N-Channel MOSFET
FCI7N60 FAIRCHILD-FCI7N60 Datasheet
951Kb / 8P
   600V N-Channel MOSFET
FCP16N60 FAIRCHILD-FCP16N60 Datasheet
1Mb / 10P
   600V N-Channel MOSFET
FCD5N60 FAIRCHILD-FCD5N60 Datasheet
947Kb / 9P
   600V N-Channel MOSFET
FQB3N60C FAIRCHILD-FQB3N60C Datasheet
753Kb / 8P
   600V N-Channel MOSFET
FQP3N60C FAIRCHILD-FQP3N60C Datasheet
738Kb / 8P
   600V N-Channel MOSFET
FCP260N60E FAIRCHILD-FCP260N60E Datasheet
283Kb / 10P
   600V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com