전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TIP29 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 TIP29
상세설명  NPN Epitaxial Silicon Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TIP29 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  TIP29 Datasheet HTML 1Page - Fairchild Semiconductor TIP29 Datasheet HTML 2Page - Fairchild Semiconductor TIP29 Datasheet HTML 3Page - Fairchild Semiconductor TIP29 Datasheet HTML 4Page - Fairchild Semiconductor TIP29 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
TIP29/TIP29A/TIP29B/TIP29C Rev. A
2
Electrical Characteristics T
C=25°C unless otherwise noted
* Pulse Test: PW
≤300ms, Duty Cycle≤2%
Symbol
Parameter
Test Condition
Min.
Max.
Units
VCEO(sus)
*Collector-Emitter Sustaining Voltage
: TIP29
: TIP29A
: TIP29B
: TIP29C
IC = 30mA, IB = 0
40
60
80
100
V
V
V
V
ICEO
Collector Cut-off Current
: TIP29/29A
: TIP29B/29C
VCE = 30V, IB = 0
VCE = 60V, IB = 0
0.3
0.3
mA
mA
ICES
Collector Cut-off Current
: TIP29
: TIP29A
: TIP29B
: TIP29C
VCE = 40V, VEB = 0
VCE = 60V, VEB = 0
VCE = 80V, VEB = 0
VCE = 100V, VEB = 0
200
200
200
200
μA
μA
μA
μA
IEBO
Emitter Cut-off Current
VEB = 5V, IC = 0
1.0
mA
hFE
*DC Current Gain
VCE = 4V, IC = 0.2A
VCE = 4V, IC = 1A
40
15
75
VCE(sat)
*Collector-Emitter Saturation Voltage
IC = 1A, IB = 125mA
0.7
V
VBE(sat)
*Base-Emitter Saturation Voltage
VCE = 4V, IC = 1A
1.3
V
fT
Current Gain Bandwidth Product
VCE = 10V, IC = 200mA
3.0
MHz


유사한 부품 번호 - TIP29

제조업체부품명데이터시트상세설명
logo
Mospec Semiconductor
TIP29 MOSPEC-TIP29 Datasheet
145Kb / 3P
   POWER TRANSISTORS(1.0A,40-100V,30W)
logo
ON Semiconductor
TIP29 ONSEMI-TIP29 Datasheet
143Kb / 5P
   Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 11
logo
Power Innovations Ltd
TIP29 POINN-TIP29 Datasheet
85Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Continental Device Indi...
TIP29 CDIL-TIP29 Datasheet
317Kb / 4P
   PLASTIC POWER TRANSISTORS
logo
Transys Electronics
TIP29 TRSYS-TIP29 Datasheet
443Kb / 5P
   NPN SILICON POWER TRANSISTORS
More results

유사한 설명 - TIP29

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
   NPN Epitaxial Silicon Transistor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
PJD882 ETC-PJD882 Datasheet
184Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
   SILICON EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com