전자부품 데이터시트 검색엔진 |
|
FSUSB23L10X 데이터시트(PDF) 7 Page - Fairchild Semiconductor |
|
FSUSB23L10X 데이터시트(HTML) 7 Page - Fairchild Semiconductor |
7 / 10 page © 2006 Fairchild Semiconductor Corporation www.fairchildsemi.com FSUSB23 • Rev. 1.0.1 7 Test Diagrams (Continued) S Dn Capacitance Meter f=1MHz D1n, D2n VSel =0 or VCC S Capacitance Meter Dn f=1MHz D1n, D2n VSel = 0 or VCC Figure 10. Channel On Capacitance Figure 11. Channel Off Capacitance 90% 90% 10% 10% 50% tRISE=750ps tFALL=750ps 800mV Input:Dn+, Dn- 400mV VOH VOL Output:D+, D- tPLH tPHL 50% 50% 50% TSK(P)= tPHL-tPLH Pulse Skew, TSK(P) 90% 90% 10% 10% 50% tRISE=750ps tFALL=750ps 800mV Input: D+, D- 400mV VOH VOL Output 1: D+, D- tPLH1 tPHL1 50% 50% 50% 50% VOH VOL Output 1: D2+, D2- tPLH2 tPHL2 50% Figure 12. Switch Skew Tests RT VS RS Network Analyzer RSand RT are functions of the application environment (see AC tables for specific values). VIN VSel GND GND GND GND GND VOUT Figure 13. Bandwidth RS Network Analyzer VIN VSel GND GND GND GND GND VOUT GND RT RT VS Off Isolation =20Log(VOUT/VIN) Figure 14. Channel Off Isolation |
유사한 부품 번호 - FSUSB23L10X |
|
유사한 설명 - FSUSB23L10X |