전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FSUSB31UMX 데이터시트(PDF) 10 Page - Fairchild Semiconductor

부품명 FSUSB31UMX
상세설명  Low-Power, Single-Port, High-Speed USB 2.0 (480Mbps) Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSUSB31UMX 데이터시트(HTML) 10 Page - Fairchild Semiconductor

Back Button FSUSB31UMX Datasheet HTML 6Page - Fairchild Semiconductor FSUSB31UMX Datasheet HTML 7Page - Fairchild Semiconductor FSUSB31UMX Datasheet HTML 8Page - Fairchild Semiconductor FSUSB31UMX Datasheet HTML 9Page - Fairchild Semiconductor FSUSB31UMX Datasheet HTML 10Page - Fairchild Semiconductor FSUSB31UMX Datasheet HTML 11Page - Fairchild Semiconductor FSUSB31UMX Datasheet HTML 12Page - Fairchild Semiconductor FSUSB31UMX Datasheet HTML 13Page - Fairchild Semiconductor FSUSB31UMX Datasheet HTML 14Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSUSB31 Rev. 1.0.8
10
Application Guidance: Meeting USB 2.0 Vbus Short Requirements
In section 7.1.1 of the USB 2.0 specification, it notes that
USB devices must be able to withstand a Vbus short to
D+ or D- when the USB devices is either powered off or
powered on. The FSUSB31 can be successfully config-
ured to meet both these requirements.
Power-Off Protection
For a Vbus short circuit, the switch is expected to with-
stand such a condition for at least 24 hours. The
FSUSB31 has specially designed circuitry which pre-
vents unintended signal bleed through as well as guar-
anteed system reliability during a power-down, over-
voltage condition. The protection has been added to the
common pins (D+, D-).
Power-On Protection
The USB 2.0 specification also notes that the USB
device should be capable of withstanding a Vbus short
during transmission of data. Fairchild recommends add-
ing a 100
Ω series resister between the switch VCC pin
and supply rail to protect against this case. This modifi-
cation works by limiting current flow back into the VCC
rail during the over-voltage event so current remains
within the safe operating range. In this application, the
switch passes the full 5.25V input signal through to the
selected output, while maintaining specified off isolation
on the un-selected pins.
D+ = 5.25V
VCC= 3.6 V
100 Ohms
FSUSB31
D- = 5.25V
HSD+
HSD-
Figure 21. A 100
Ω resistor in series with the VCC supply allows the FSUSB31 to withstand a Vbus
short when powered up
For more information, see Applications Note AN-6022 — Using the FSUSB30/FSUSB31 to Comply with
USB 2.0 Fault Condition Requirements at www.fairchildsemi.com.


유사한 부품 번호 - FSUSB31UMX

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FSUSB31UMX ONSEMI-FSUSB31UMX Datasheet
631Kb / 16P
   Low-Power, Single-Port, High-Speed USB 2.0 Switch
February 2009 Rev. 1.1.0
More results

유사한 설명 - FSUSB31UMX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FSUSB30 FAIRCHILD-FSUSB30_12 Datasheet
739Kb / 18P
   Low-Power, Two-Port, High-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30_08 Datasheet
1Mb / 18P
   Low-Power, Two-Port, High-Speed USB 2.0 (480Mbps) Switch
FSUSB22 FAIRCHILD-FSUSB22_08 Datasheet
552Kb / 12P
   Low-Power, 2-Port, High-Speed USB 2.0 (480Mbps) Switch
FSUSB31 FAIRCHILD-FSUSB31_07 Datasheet
726Kb / 15P
   Low-Power 1-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30 Datasheet
953Kb / 17P
   Low Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30_07 Datasheet
941Kb / 20P
   Low-Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB22_0506 FAIRCHILD-FSUSB22_0506 Datasheet
833Kb / 11P
   Low Power 2 Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB23 FAIRCHILD-FSUSB23 Datasheet
334Kb / 12P
   Low Power Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB23 FAIRCHILD-FSUSB23_06 Datasheet
939Kb / 16P
   Low Power Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB20 FAIRCHILD-FSUSB20_06 Datasheet
1Mb / 17P
   Low-Power 1-Port High-Speed USB (480Mbps) Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com