전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FCA16N60 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 FCA16N60
상세설명  600V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FCA16N60 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  FCA16N60 Datasheet HTML 1Page - Fairchild Semiconductor FCA16N60 Datasheet HTML 2Page - Fairchild Semiconductor FCA16N60 Datasheet HTML 3Page - Fairchild Semiconductor FCA16N60 Datasheet HTML 4Page - Fairchild Semiconductor FCA16N60 Datasheet HTML 5Page - Fairchild Semiconductor FCA16N60 Datasheet HTML 6Page - Fairchild Semiconductor FCA16N60 Datasheet HTML 7Page - Fairchild Semiconductor FCA16N60 Datasheet HTML 8Page - Fairchild Semiconductor FCA16N60 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
©2007 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FCA16N60 / FCA16N60_F109 REV. A2
SuperFET
TM
August 2007
FCA16N60 / FCA16N60_F109
600V N-Channel MOSFET
Features
•650V @TJ = 150°C
• Typ. Rds(on)=0.22
• Ultra low gate charge (typ. Qg=55nC)
• Low effective output capacitance (typ. Coss.eff=110pF)
• 100% avalanche tested
Description
SuperFETTM is, Farichild’s proprietary, new generation of high
voltage MOSFET family that is utilizing an advanced charge
balance mechanism for outstanding low on-resistance and
lower gate charge performance.
This advanced technology has been tailored
to minimize
conduction loss, provide superior switching performance, and
withstand extreme dv/dt rate and higher avalanche energy.
Consequently, SuperFET is very suitable for various AC/DC
power conversion in switching mode operation for system
miniaturization and higher efficiency.
Absolute Maximum Ratings
Thermal Characteristics
TO-3P
FCA Series
GS
D
D
G
S
Symbol
Parameter
FCA16N60
Unit
VDSS
Drain-Source Voltage
600
V
ID
Drain Current
- Continuous (TC = 25°C)
- Continuous (TC = 100°C)
16
10.1
A
A
IDM
Drain Current
- Pulsed
(Note 1)
48
A
VGSS
Gate-Source voltage
± 30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
450
mJ
IAR
Avalanche Current
(Note 1)
16
A
EAR
Repetitive Avalanche Energy
(Note 1)
16.7
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.5
V/ns
PD
Power Dissipation
(TC = 25°C)
- Derate above 25
°C
167
1.33
W
W/
°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum Lead Temperature for Soldering Purpose,
1/8” from Case for 5 Seconds
300
°C
Symbol
Parameter
FCA16N60
Unit
RθJC
Thermal Resistance, Junction-to-Case
0.75
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
41.7
°C/W
*Drain current limited by maximum junction temperature


유사한 부품 번호 - FCA16N60

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FCA16N60 FAIRCHILD-FCA16N60 Datasheet
905Kb / 8P
   600V N-Channel MOSFET
FCA16N60 FAIRCHILD-FCA16N60 Datasheet
962Kb / 9P
   600V N-Channel MOSFET
FCA16N60 FAIRCHILD-FCA16N60 Datasheet
620Kb / 17P
   PFCPWM Combination Controller
FCA16N60N FAIRCHILD-FCA16N60N Datasheet
523Kb / 8P
   N-Channel MOSFET 600V, 16A, 0.170W
logo
Inchange Semiconductor ...
FCA16N60N ISC-FCA16N60N Datasheet
347Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - FCA16N60

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQB3N60 FAIRCHILD-FQB3N60 Datasheet
581Kb / 9P
   600V N-Channel MOSFET
FCB11N60F FAIRCHILD-FCB11N60F Datasheet
1,004Kb / 8P
   600V N-Channel MOSFET
FCH47N60F_0605 FAIRCHILD-FCH47N60F_0605 Datasheet
978Kb / 8P
   600V N-Channel MOSFET
FCA16N60 FAIRCHILD-FCA16N60_06 Datasheet
962Kb / 9P
   600V N-Channel MOSFET
FQAF7N60 FAIRCHILD-FQAF7N60 Datasheet
578Kb / 8P
   600V N-Channel MOSFET
FCI7N60 FAIRCHILD-FCI7N60 Datasheet
951Kb / 8P
   600V N-Channel MOSFET
FCP16N60 FAIRCHILD-FCP16N60 Datasheet
1Mb / 10P
   600V N-Channel MOSFET
FCD5N60 FAIRCHILD-FCD5N60 Datasheet
947Kb / 9P
   600V N-Channel MOSFET
FQB3N60C FAIRCHILD-FQB3N60C Datasheet
753Kb / 8P
   600V N-Channel MOSFET
FQP3N60C FAIRCHILD-FQP3N60C Datasheet
738Kb / 8P
   600V N-Channel MOSFET
FCP260N60E FAIRCHILD-FCP260N60E Datasheet
283Kb / 10P
   600V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com