전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDD6N20 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 FDD6N20
상세설명  N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD6N20 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  FDD6N20 Datasheet HTML 1Page - Fairchild Semiconductor FDD6N20 Datasheet HTML 2Page - Fairchild Semiconductor FDD6N20 Datasheet HTML 3Page - Fairchild Semiconductor FDD6N20 Datasheet HTML 4Page - Fairchild Semiconductor FDD6N20 Datasheet HTML 5Page - Fairchild Semiconductor FDD6N20 Datasheet HTML 6Page - Fairchild Semiconductor FDD6N20 Datasheet HTML 7Page - Fairchild Semiconductor FDD6N20 Datasheet HTML 8Page - Fairchild Semiconductor FDD6N20 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
FDD6N20 / FDU6N20 Rev. A
www.fairchildsemi.com
4
Typical Performance Characteristics (Continued)
Figure 7. Breakdown Voltage Variation
Figure 8. On-Resistance Variation
vs. Temperature
vs. Temperature
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs. Case Temperature
Figure 11. Transient Thermal Response Curve
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
*Notes:
1. VGS = 0V
2. ID = 250μA
TJ, Junction Temperature [
oC]
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
*Notes:
1. VGS = 10V
2. ID = 2.3A
TJ, Junction Temperature [
oC]
25
50
75
100
125
150
0
1
2
3
4
5
TC, Case Temperature [
oC]
110
100
0.01
0.1
1
10
20μs
100μs
1ms
10ms
VDS, Drain-Source Voltage [V]
Operation in This Area
is Limited by R DS(on)
*Notes:
1. TC = 25
oC
2. TJ = 150
oC
3. Single Pulse
400
DC
50
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
0.01
0.1
1
0.01
0.1
0.2
0.05
0.02
*Notes:
1. ZθJC(t) = 3.1
oC/W Max.
2. Duty Factor, D=t1/t2
3. TJM - TC = PDM * ZθJC(t)
0.5
Single pulse
Rectangular Pulse Duration [sec]
5
t1
PDM
t2


유사한 부품 번호 - FDD6N20

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDD6N20TM FAIRCHILD-FDD6N20TM Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
logo
Inchange Semiconductor ...
FDD6N20TM ISC-FDD6N20TM Datasheet
330Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - FDD6N20

제조업체부품명데이터시트상세설명
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com