전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDD8451 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 FDD8451
상세설명  N-Channel PowerTrench짰 MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD8451 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  FDD8451_08 Datasheet HTML 1Page - Fairchild Semiconductor FDD8451_08 Datasheet HTML 2Page - Fairchild Semiconductor FDD8451_08 Datasheet HTML 3Page - Fairchild Semiconductor FDD8451_08 Datasheet HTML 4Page - Fairchild Semiconductor FDD8451_08 Datasheet HTML 5Page - Fairchild Semiconductor FDD8451_08 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
FDD8451 Rev. B1
www.fairchildsemi.com
3
Typical Characteristics T
J = 25°C unless otherwise noted
Figure 1.
01
234
0
10
20
30
40
50
60
PULSE DURATION = 80µs
DUTY CYCLE = 0.5%MAX
VGS = 4V
VGS = 3V
VGS = 3.5V
VGS = 4.5V
VGS = 10V
V
DS, DRAIN TO SOURCE VOLTAGE (V)
On Region Characteristics
Figure 2. Normalized
0
10
2030
4050
60
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
PULSE DURATION = 80µs
DUTY CYCLE = 0.5%MAX
ID, DRAIN CURRENT(A)
VGS = 10V
VGS = 5V
VGS = 4V
VGS = 3.5V
VGS = 3V
On-Resistance vs Drain
Current and Gate Voltage
Figure 3.
-80
-40
0
40
80
120
160
200
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
ID = 9A
VGS = 10V
TJ, JUNCTION TEMPERATURE (oC)
Normalized On Resistance vs Junction
Temperature
Figure 4.
24
6
8
10
0
40
80
120
160
PULSE DURATION = 80µs
DUTY CYCLE = 0.5%MAX
TJ = 175oC
TJ = 25oC
ID = 10A
VGS, GATE TO SOURCE VOLTAGE (V)
On-Resistance vs Gate to Source
Voltage
Figure 5. Transfer Characteristics
1.5
2.0
2.5
3.0
3.5
4.0
0
10
20
30
40
PULSE DURATION = 80µs
DUTY CYCLE = 0.5%MAX
TJ = -55oC
TJ = 25oC
TJ = 175oC
VGS, GATE TO SOURCE VOLTAGE (V)
Figure 6.
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1E-3
0.01
0.1
1
10
100
TJ = -55oC
TJ = 25oC
TJ = 175oC
VGS = 0V
VSD, BODY DIODE FORWARD VOLTAGE (V)
Source to Drain Diode Forward
Voltage vs Source Current


유사한 부품 번호 - FDD8451_08

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDD8451 FAIRCHILD-FDD8451 Datasheet
345Kb / 6P
   N-Channel PowerTrench MOSFET 40V, 28A, 24mOHM
logo
Inchange Semiconductor ...
FDD8451 ISC-FDD8451 Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - FDD8451_08

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDS8978 FAIRCHILD-FDS8978_11 Datasheet
704Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDMS86350 FAIRCHILD-FDMS86350 Datasheet
253Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8443_F085 FAIRCHILD-FDB8443_F085 Datasheet
621Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8896_F085 FAIRCHILD-FDB8896_F085 Datasheet
216Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDBL9401_F085 FAIRCHILD-FDBL9401_F085 Datasheet
385Kb / 6P
   N-Channel PowerTrench짰 MOSFET
FDD770N15A FAIRCHILD-FDD770N15A Datasheet
639Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDMS7698 FAIRCHILD-FDMS7698 Datasheet
256Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB075N15A FAIRCHILD-FDB075N15A Datasheet
311Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDP100N10 FAIRCHILD-FDP100N10 Datasheet
454Kb / 8P
   N-Channel PowerTrench짰 MOSFET
FDD8444L FAIRCHILD-FDD8444L Datasheet
282Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDS8896 FAIRCHILD-FDS8896_07 Datasheet
622Kb / 12P
   N-Channel PowerTrench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com