전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDD8878 데이터시트(PDF) 6 Page - Fairchild Semiconductor

부품명 FDD8878
상세설명  N-Channel PowerTrench MOSFET 30V, 40A, 15m ohm
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD8878 데이터시트(HTML) 6 Page - Fairchild Semiconductor

Back Button FDD8878 Datasheet HTML 2Page - Fairchild Semiconductor FDD8878 Datasheet HTML 3Page - Fairchild Semiconductor FDD8878 Datasheet HTML 4Page - Fairchild Semiconductor FDD8878 Datasheet HTML 5Page - Fairchild Semiconductor FDD8878 Datasheet HTML 6Page - Fairchild Semiconductor FDD8878 Datasheet HTML 7Page - Fairchild Semiconductor FDD8878 Datasheet HTML 8Page - Fairchild Semiconductor FDD8878 Datasheet HTML 9Page - Fairchild Semiconductor FDD8878 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
©2008 Fairchild Semiconductor Corporation
FDD8878 / FDU8878 Rev. A4
www.fairchildsemi.com
6
Figure 11. Normalized Gate Threshold Voltage vs
Junction Temperature
Figure 12. Normalized Drain to Source
Breakdown Voltage vs Junction Temperature
Figure 13. Capacitance vs Drain to Source
Voltage
Figure 14. Gate Charge Waveforms for Constant
Gate Current
Typical Characteristics T
C = 25°C unless otherwise noted
0.4
0.6
0.8
1.0
1.2
-80
-40
0
40
80
120
160
200
VGS = VDS, ID = 250µA
TJ, JUNCTION TEMPERATURE (
oC)
0.90
0.95
1.00
1.05
1.10
-80
-40
0
40
80
120
160
200
TJ, JUNCTION TEMPERATURE (
oC)
ID = 250µA
100
1000
0.1
1
10
50
2000
30
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 0V, f = 1MHz
CISS = CGS + CGD
COSS ≅ CDS + CGD
CRSS = CGD
0
2
4
6
8
10
0
5
10
15
20
Qg, GATE CHARGE (nC)
VDD = 15V
ID = 35A
ID = 1A
WAVEFORMS IN
DESCENDING ORDER:


유사한 부품 번호 - FDD8878

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDD8878 FAIRCHILD-FDD8878 Datasheet
240Kb / 12P
   N-Channel PowerTrench MOSFET
logo
Inchange Semiconductor ...
FDD8878 ISC-FDD8878 Datasheet
353Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - FDD8878

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDP8878 FAIRCHILD-FDP8878 Datasheet
246Kb / 6P
   N-Channel Logic Level PowerTrench MOSFET 30V, 40A, 15m Ohm
FDMS8660S FAIRCHILD-FDMS8660S Datasheet
434Kb / 8P
   N-Channel PowerTrench SyncFET (30V, 40A, 2.4mOHM)
FDD8874 FAIRCHILD-FDD8874_08 Datasheet
664Kb / 11P
   N-Channel PowerTrench MOSFET 30V, 116A, 5.1m ohm
FDB8896 FAIRCHILD-FDB8896 Datasheet
269Kb / 11P
   N-Channel PowerTrench MOSFET 30V, 93A, 5.7 m ohm
FDD6692 FAIRCHILD-FDD6692 Datasheet
84Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS6672A FAIRCHILD-FDS6672A Datasheet
205Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDS6692 FAIRCHILD-FDS6692 Datasheet
62Kb / 4P
   30V N-Channel PowerTrench MOSFET
FDD6670AL FAIRCHILD-FDD6670AL Datasheet
149Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDD6688 FAIRCHILD-FDD6688 Datasheet
120Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS7296N3 FAIRCHILD-FDS7296N3 Datasheet
122Kb / 7P
   30V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com