전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDS6990AS 데이터시트(PDF) 6 Page - Fairchild Semiconductor

부품명 FDS6990AS
상세설명  Dual 30V N-Channel PowerTrench SyncFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6990AS 데이터시트(HTML) 6 Page - Fairchild Semiconductor

  FDS6990AS_08 Datasheet HTML 1Page - Fairchild Semiconductor FDS6990AS_08 Datasheet HTML 2Page - Fairchild Semiconductor FDS6990AS_08 Datasheet HTML 3Page - Fairchild Semiconductor FDS6990AS_08 Datasheet HTML 4Page - Fairchild Semiconductor FDS6990AS_08 Datasheet HTML 5Page - Fairchild Semiconductor FDS6990AS_08 Datasheet HTML 6Page - Fairchild Semiconductor FDS6990AS_08 Datasheet HTML 7Page - Fairchild Semiconductor FDS6990AS_08 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
www.fairchildsemi.com
FDS6990AS Rev. A1
Typical Characteristics (continued)
SyncFET Schottky Body Diode Characteristics
Fairchild’s SyncFET process embeds a Schottky diode in paral-
lel with PowerTrench MOSFET. This diode exhibits similar char-
acteristics to a discrete external Schottky diode in parallel with a
MOSFET. Figure 12 shows the reverse recovery characteristic
of the FDS6990AS.
Figure 12. FDS6990AS SyncFET body diode
reverse recovery characteristic.
For comparison purposes, Figure 13 shows the reverse
recovery characteristics of the body diode of an equivalent size
MOSFET produced without SyncFET (FDS6990A).
Figure 13. Non-SyncFET (FDS6990A) body
diode reverse recovery characteristic.
Schottky barrier diodes exhibit significant leakage at high tem-
perature and high reverse voltage. This will increase the power
in the device.
Figure 14. SyncFET body diode reverse leakage
versus drain-source voltage and temperature.
12.5nS/Div
12.5nS/Div
0.000001
0.00001
0.0001
0.001
0.01
0.1
05
10
15
20
25
30
V
DS, REVERSE VOLTAGE (V)
T
A = 125° C
T
A = 25° C
T
A = 100° C


유사한 부품 번호 - FDS6990AS_08

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDS6990AS_NL FAIRCHILD-FDS6990AS_NL Datasheet
542Kb / 8P
   Dual 30V N-Channel PowerTrench SyncFET
More results

유사한 설명 - FDS6990AS_08

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDS6990AS FAIRCHILD-FDS6990AS Datasheet
542Kb / 8P
   Dual 30V N-Channel PowerTrench SyncFET
FDS6990S FAIRCHILD-FDS6990S Datasheet
86Kb / 6P
   Dual 30V N-Channel PowerTrench SyncFET
FDP6644S FAIRCHILD-FDP6644S Datasheet
160Kb / 6P
   30V N-Channel PowerTrench SyncFET?
FDS6680AS FAIRCHILD-FDS6680AS Datasheet
551Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDS6699S FAIRCHILD-FDS6699S Datasheet
526Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDD6676AS FAIRCHILD-FDD6676AS Datasheet
120Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDS6676S FAIRCHILD-FDS6676S Datasheet
121Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDS7764S FAIRCHILD-FDS7764S Datasheet
127Kb / 7P
   30V N-Channel PowerTrench SyncFET
FDP6670AS FAIRCHILD-FDP6670AS Datasheet
100Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDS6688S FAIRCHILD-FDS6688S Datasheet
164Kb / 6P
   30V N-Channel PowerTrench SyncFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com