전자부품 데이터시트 검색엔진 |
|
MC13202FCR2 데이터시트(PDF) 11 Page - Freescale Semiconductor, Inc |
|
MC13202FCR2 데이터시트(HTML) 11 Page - Freescale Semiconductor, Inc |
11 / 30 page MC13202 Technical Data, Rev. 1.4 Freescale Semiconductor 11 Figure 6 shows a typical AC parameter evaluation circuit. Figure 6. RF Parametric Evaluation Circuit Table 6. Digital Timing Specifications (VBATT, VDDINT = 2.7 V, TA = 25 °C, frequency = 16 MHz, unless otherwise noted. SPI timing parameters are referenced to Figure 8. Symbol Parameter Min Typ Max Unit T0 SPICLK period 125 nS T1 Pulse width, SPICLK low 50 nS T2 Pulse width, SPICLK high 50 nS T3 Delay time, MISO data valid from falling SPICLK 15 nS T4 Setup time, CE low to rising SPICLK 15 nS T5 Delay time, MISO valid from CE low 15 nS T6 Setup time, MOSI valid to rising SPICLK 15 nS T7 Hold time, MOSI valid from rising SPICLK 15 nS RST minimum pulse width low (asserted) 250 nS L2 6.8nH 5 1 6 2 3 4 Z1 LDB212G4005C-001 L3 3.9nH C1 1.0pF R1 0R R2 0R Not Mounted 2 5 3 4 J1 SMA_edge_Receptac C2 10pF ANT1 F_Antenna PAO_M 6 PAO_P 5 RFIN_P 2 RFIN_M 1 CT_Bias 3 U5 MC1320x L1 1.8nH L4 1.8nH |
유사한 부품 번호 - MC13202FCR2 |
|
유사한 설명 - MC13202FCR2 |