전자부품 데이터시트 검색엔진 |
|
MC33993DWBR2 데이터시트(PDF) 9 Page - Freescale Semiconductor, Inc |
|
MC33993DWBR2 데이터시트(HTML) 9 Page - Freescale Semiconductor, Inc |
9 / 28 page Analog Integrated Circuit Device Data Freescale Semiconductor 9 33993 FUNCTIONAL DESCRIPTION INTRODUCTION FUNCTIONAL DESCRIPTION INTRODUCTION The 33993 device is an integrated circuit designed to provide systems with ultra-low quiescent sleep/wake-up modes and a robust interface between switch contacts and a microprocessor. The 33993 replaces many of the discrete components required when interfacing to microprocessor- based systems while providing switch ground offset protection, contact wetting current, and system wake-up. The 33993 features 8-programmable switch-to-ground or switch-to-battery inputs and 14 switch-to-ground inputs. All switch inputs may be read as analog inputs through the analog multiplexer (AMUX). Other features include a programmable wake-up timer, programmable interrupt timer, programmable wake-up/interrupt bits, and programmable wetting current settings. This device is designed primarily for automotive applications but may be used in a variety of other applications such as computer, telecommunications, and industrial controls. FUNCTIONAL PIN DESCRIPTION CHIP SELECT (CS) The system MCU selects the 33993 to receive communication using the chip select (CS) pin. With the CS in a logic low state, command words may be sent to the 33993 via the serial input (SI) pin, and switch status information can be received by the MCU via the serial output (SO) pin. The falling edge of CS enables the SO output, latches the state of the INT pin, and the state of the external switch inputs. Rising edge of the CS initiates the following operation: 1. Disables the SO driver (high impedance) 2. INT pin is reset to logic [1], except when additional switch changes occur during CS low. (See Figure 6.) Activates the received command word, allowing the 33993 to act upon new data from switch inputs. To avoid any spurious data, it is essential the high-to-low and low-to-high transitions of the CS signal occur only when SCLK is in a logic low state. A clean CS signal is needed to ensure no incomplete SPI words are sent to the device. Internal to the 33993 device is an active pull-up to VDD on the CS. In Sleep mode the negative edge of the CS (VDD applied) will wake up the 33993 device. Data received from the device during CS wake-up may not be accurate. SERIAL CLOCK (SCLK) The system clock (SCLK) pin clocks the internal shift register of the 33993. The SI data is latched into the input shift register on the falling edge of SCLK signal. The SO pin shifts the switch status bits out on the rising edge of SCLK. The SO data is available for the MCU to read on the falling edge of SCLK. False clocking of the shift register must be avoided to ensure validity of data. It is essential the SCLK pin be in a logic low state whenever CS makes any transition. For this reason, it is recommended, though not necessary, that the SCLK pin is commanded to a low logic state as long as the device is not accessed and CS is in a logic high state. When the CS is in a logic high state, any signal on the SCLK and SI pins will be ignored and the SO pin is tri-state. SPI SLAVE IN (SI) The SI pin is used for serial instruction data input. SI information is latched into the input register on the falling edge of SCLK. A logic high state present on SI will program a one in the command word on the rising edge of the CS signal. To program a complete word, 24 bits of information must be entered into the device. SPI SLAVE OUT (SO) The SO pin is the output from the shift register. The SO pin remains tri-stated until the CS pin transitions to a logic low state. All open switches are reported as zero, all closed switches are reported as one. The negative transition of CS enables the SO driver. The first positive transition of SCLK will make the status data bit 24 available on the SO pin. Each successive positive clock will make the next status data bit available for the MCU to read on the falling edge of SCLK. The SI/SO shifting of the data follows a first-in-first-out protocol, with both input and output words transferring the most significant bit (MSB) first. INTERRUPT (INT) The INT pin is an interrupt output from the 33993 device. The INT pin is an open-drain output with an internal pull-up to VDD. In Normal mode, a switch state change will trigger the INT pin (when enabled). The INT pin and INT bit in the SPI register are latched on the falling edge of CS. This permits the MCU to determine the origin of the interrupt. When two 33993 devices are used, only the device initiating the interrupt will have the INT bit set. The INT pin is cleared on the rising edge of CS. The INT pin will not clear with rising edge of CS if a switch contact change has occurred while CS was low. In a multiple 33993 device system with WAKE high and VDD on (Sleep mode), the falling edge of INT will place all 33993s in Normal mode. |
유사한 부품 번호 - MC33993DWBR2 |
|
유사한 설명 - MC33993DWBR2 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |