전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SA1084ETZ-E 데이터시트(PDF) 3 Page - Renesas Technology Corp

부품명 2SA1084ETZ-E
상세설명  Silicon PNP Epitaxial
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SA1084ETZ-E 데이터시트(HTML) 3 Page - Renesas Technology Corp

  2SA1084ETZ-E Datasheet HTML 1Page - Renesas Technology Corp 2SA1084ETZ-E Datasheet HTML 2Page - Renesas Technology Corp 2SA1084ETZ-E Datasheet HTML 3Page - Renesas Technology Corp 2SA1084ETZ-E Datasheet HTML 4Page - Renesas Technology Corp 2SA1084ETZ-E Datasheet HTML 5Page - Renesas Technology Corp 2SA1084ETZ-E Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SA1084, 2SA1085
Rev.3.00 Aug 10, 2005 page 3 of 5
Main Characteristics
Maximum Collector Dissipation Curve
600
400
200
050
100
Ambient Temperature Ta (
°C)
150
Typical Output Characteristics (1)
–50
–140
–120
–100
–80
–60
–40
–20
µA
–40
–30
–20
–10
0
–4
–12
–20
–8
–16
Collector to Emitter Voltage VCE (V)
P
C
= 0.4
W
IB = 0
Typical Output Characteristics (2)
–20
–16
–12
–8
–4
0–4
–8
Collector to Emitter Voltage VCE (V)
IB = 0
–5
µA
–10
–15
–20
–25
–30
–35
–12
–16
–20
Typicaol Transfer Characteristics
–10
–5
–2
–1.0
–0.5
–0.2
–0.1
0
–0.4
–0.8
–0.2
–0.6
–1.0
Base to Emitter Voltage VBE (V)
VCE = –12 V
DC Current Transfer Ratio vs.
Collector Current
5,000
2,000
1,000
500
200
100
50
–0.1
–1.0
–10
–100
–3
–30
–0.3
Collector Current IC (mA)
VCE = –12 V
Pulse
Collector to Emitter Saturation
Voltage vs. Collector Current
–1.0
–0.5
–0.2
–0.1
–0.05
–0.02
–0.01
–1
–5
–2
–20
–100
–10
–50
Collector Current IC (mA)
IC = 10 IB


유사한 부품 번호 - 2SA1084ETZ-E

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
2SA1084 HITACHI-2SA1084 Datasheet
41Kb / 8P
   Silicon PNP Epitaxial
logo
Renesas Technology Corp
2SA1084 RENESAS-2SA1084 Datasheet
162Kb / 9P
   Silicon PNP Epitaxial
logo
SeCoS Halbleitertechnol...
2SA1084 SECOS-2SA1084 Datasheet
83Kb / 1P
   PNP Plastic Encapsulated Transistor
logo
Jiangsu Changjiang Elec...
2SA1084 JIANGSU-2SA1084 Datasheet
410Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
logo
Nanjing International G...
2SA1084 DGNJDZ-2SA1084 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
More results

유사한 설명 - 2SA1084ETZ-E

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
2SA1025 HITACHI-2SA1025 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SA1122 HITACHI-2SA1122 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SA1350 HITACHI-2SA1350 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SA1617 HITACHI-2SA1617 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SB1026 HITACHI-2SB1026 Datasheet
25Kb / 5P
   Silicon PNP Epitaxial
2SB1407 HITACHI-2SB1407 Datasheet
31Kb / 6P
   Silicon PNP Epitaxial
2SB738 HITACHI-2SB738 Datasheet
31Kb / 6P
   Silicon PNP Epitaxial
2SB791 HITACHI-2SB791 Datasheet
37Kb / 6P
   Silicon PNP Epitaxial
logo
Renesas Technology Corp
2SA2080 RENESAS-2SA2080 Datasheet
85Kb / 8P
   SILICON PNP EPITAXIAL
HIT647 RENESAS-HIT647_15 Datasheet
76Kb / 5P
   Silicon PNP Epitaxial
logo
New Jersey Semi-Conduct...
2SA495 NJSEMI-2SA495 Datasheet
137Kb / 2P
   SILICON PNP EPITAXIAL
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com