전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK1340 데이터시트(PDF) 4 Page - Renesas Technology Corp

부품명 2SK1340
상세설명  Silicon N Channel MOS FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK1340 데이터시트(HTML) 4 Page - Renesas Technology Corp

  2SK1340 Datasheet HTML 1Page - Renesas Technology Corp 2SK1340 Datasheet HTML 2Page - Renesas Technology Corp 2SK1340 Datasheet HTML 3Page - Renesas Technology Corp 2SK1340 Datasheet HTML 4Page - Renesas Technology Corp 2SK1340 Datasheet HTML 5Page - Renesas Technology Corp 2SK1340 Datasheet HTML 6Page - Renesas Technology Corp 2SK1340 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SK1340
Rev.3.00 May 15, 2006 page 4 of 6
10
40
160
Case Temperature TC (°C)
8
2
0
80
120
0
4
6
Static Drain to Source on State
Resistance vs. Temperature
ID = 5 A
VGS = 10 V
Pulse Test
1 A
–40
2 A
10
0.2
5
Drain Current ID (A)
5
0.5
0.1
0.5
2
0.1
1
2
Forward Transfer Admittance
vs. Drain Current
Tc = 25
°C
VDS = 20 V
Pulse Test
0.05
0.2
1
–25
°C
75
°C
5,000
0.5
10
Reverse Drain Current IDR (A)
2,000
200
0.2
1
5
50
500
1,000
Body to Drain Diode Reverse
Recovery Time
di/dt = 100 A/
µs, Ta = 25°C
VGS = 0
Pulse Test
0.1
100
2
10,000
20
50
Drain to Source Voltage VDS (V)
1,000
100
10
30
40
10
Typical Capacitance vs.
Drain to Source Voltage
0
Crss
Coss
Ciss
VGS = 0
f = 1 MHz
1,000
40
100
Gate Charge Qg (nc)
Dynamic Input Characteristics
800
200
20
60
80
0
400
600
VDS
400 V
16
4
0
8
12
VDD = 250 V
400 V
600 V
ID = 5 A
600 V
VDD = 250 V
VGS
20
500
200
100
20
50
10
5
0.2
0.5
1
2
5
10
0.1
tf
tr
td(off)
td(on)
Drain Current
ID (A)
Switching Characteristics
VGS = 10 V, VDD = 30 V
PW = 2
µs, duty ≤ 1 %


유사한 부품 번호 - 2SK1340

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
2SK1340 HITACHI-2SK1340 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
logo
Inchange Semiconductor ...
2SK1340 ISC-2SK1340 Datasheet
67Kb / 2P
   Fast Switching Speed
More results

유사한 설명 - 2SK1340

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com