전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK2225-E 데이터시트(PDF) 4 Page - Renesas Technology Corp

부품명 2SK2225-E
상세설명  Silicon N Channel MOS FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK2225-E 데이터시트(HTML) 4 Page - Renesas Technology Corp

  2SK2225-E Datasheet HTML 1Page - Renesas Technology Corp 2SK2225-E Datasheet HTML 2Page - Renesas Technology Corp 2SK2225-E Datasheet HTML 3Page - Renesas Technology Corp 2SK2225-E Datasheet HTML 4Page - Renesas Technology Corp 2SK2225-E Datasheet HTML 5Page - Renesas Technology Corp 2SK2225-E Datasheet HTML 6Page - Renesas Technology Corp 2SK2225-E Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SK2225
Rev.2.00 Sep 07, 2005 page 4 of 6
Case Temperature TC (°C)
Static Drain to Source on State
Resistance vs. Temperature
Drain Current ID (A)
Forward Transfer Admittance
vs. Drain Current
Reverse Drain Current IDR (A)
Body to Drain Diode Reverse
Recovery Time
Drain to Source Voltage VDS (V)
Typical Capacitance vs.
Drain to Source Voltage
Gate Charge Qg (nc)
Dynamic Input Characteristics
Drain Current ID (A)
Switching Characteristics
20
16
12
8
4
–40
0
40
80
120
160
0
0.5 A, 1 A
ID = 2 A
VGS = 15 V
Pulse Test
10
2
5
1
0.2
0.5
0.1
0.05
0.1
0.2
0.5
1
2
5
Tc = –25
°C
25
°C
75
°C
VDS = 25 V
Pulse Test
5000
2000
1000
200
500
100
50
0.05
0.1
0.2
0.5
1
2
5
di / dt = 100 A /
µs, Ta = 25°C
VGS = 0, Pulse Test
10000
1000
100
10
0
Ciss
Coss
Crss
VGS = 0
f = 1 MHz
10
20
30
40
50
1000
800
600
400
200
0
20
16
12
8
4
0
20
40
60
80
100
VDD = 250 V
400 V
600 V
VDD = 250 V
400 V
600 V
ID = 2.5 A
VGS
VDS
1000
200
500
100
20
10
50
0.05
0.1
0.2
0.5
1
2
5
tf
tr
td(on)
td(off)
VGS = 10 V
PW = 2
µs
duty < 1 %


유사한 부품 번호 - 2SK2225-E

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
2SK2225-80-E RENESAS-2SK2225-80-E Datasheet
190Kb / 7P
   High Speed Power Switching
2SK2225-80-E RENESAS-2SK2225-80-E_16 Datasheet
359Kb / 7P
   1500V - 2A - MOS FET
More results

유사한 설명 - 2SK2225-E

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com