전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK2329-E 데이터시트(PDF) 3 Page - Renesas Technology Corp

부품명 2SK2329-E
상세설명  Silicon N Channel MOS FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK2329-E 데이터시트(HTML) 3 Page - Renesas Technology Corp

  2SK2329-E Datasheet HTML 1Page - Renesas Technology Corp 2SK2329-E Datasheet HTML 2Page - Renesas Technology Corp 2SK2329-E Datasheet HTML 3Page - Renesas Technology Corp 2SK2329-E Datasheet HTML 4Page - Renesas Technology Corp 2SK2329-E Datasheet HTML 5Page - Renesas Technology Corp 2SK2329-E Datasheet HTML 6Page - Renesas Technology Corp 2SK2329-E Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2SK2393
Rev.2.00 Sep 07, 2005 page 3 of 6
Main Characteristics
Case Temperature TC (°C)
Power vs. Temperature Derating
Drain to Source Voltage VDS (V)
Maximum Safe Operation Area
Drain to Source Voltage VDS (V)
Typical Output Characteristics
Gate to Source Voltage VGS (V)
Typical Transfer Characteristics
Gate to Source Voltage VGS (V)
Drain to Source Saturation Voltage
vs. Gate to Source Voltage
Drain Current ID (A)
Static Drain to Source on State
Resistance vs. Drain Current
400
300
200
100
0
50
100
150
200
100
30
10
3
1
0.3
0.1
20
50
100
200
500 1000 2000
10
µs
1 ms
100
µs
PW
=
10
ms
(1shot)
Operation in
this area is
limited by RDS(on)
Ta = 25
°C
DC
Opera
tion
(Tc
=
25
°C)
10
8
6
4
2
0
10
20
30
40
50
Pulse Test
VGS = 5 V
15 V
8 V
7 V
6 V
10 V
5
4
3
2
1
0
VDS = 10 V
Pulse Test
Tc = 75
°C
25
°C
–25
°C
24
6
8
10
20
16
12
8
4
0
Pulse Test
4
8
12
16
20
ID = 5 A
1 A
2 A
0.1
0.3
1
3
10
30
100
20
10
2
5
1
0.2
0.5
15 V
VGS = 10 V
Pulse Test


유사한 부품 번호 - 2SK2329-E

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
2SK2329 HITACHI-2SK2329 Datasheet
47Kb / 10P
   Silicon N-Channel MOS FET
logo
Renesas Technology Corp
2SK2329 RENESAS-2SK2329 Datasheet
88Kb / 8P
   Silicon N Channel MOS FET
logo
Hitachi Semiconductor
2SK2329L HITACHI-2SK2329L Datasheet
47Kb / 10P
   Silicon N-Channel MOS FET
logo
VBsemi Electronics Co.,...
2SK2329L VBSEMI-2SK2329L Datasheet
960Kb / 8P
   N-Channel 30-V (D-S) MOSFET
logo
Inchange Semiconductor ...
2SK2329L ISC-2SK2329L Datasheet
318Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - 2SK2329-E

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com