전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SD1368CCTL-E 데이터시트(PDF) 1 Page - Renesas Technology Corp

부품명 2SD1368CCTL-E
상세설명  Silicon NPN Epitaxial
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SD1368CCTL-E 데이터시트(HTML) 1 Page - Renesas Technology Corp

  2SD1368CCTL-E Datasheet HTML 1Page - Renesas Technology Corp 2SD1368CCTL-E Datasheet HTML 2Page - Renesas Technology Corp 2SD1368CCTL-E Datasheet HTML 3Page - Renesas Technology Corp 2SD1368CCTL-E Datasheet HTML 4Page - Renesas Technology Corp 2SD1368CCTL-E Datasheet HTML 5Page - Renesas Technology Corp 2SD1368CCTL-E Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev.2.00 Aug 10, 2005 page 1 of 5
2SD1368
Silicon NPN Epitaxial
REJ03G0786-0200
(Previous ADE-208-1148)
Rev.2.00
Aug.10.2005
Application
• Low frequency power amplifier
• Complementary pair with 2SB1002
Outline
1. Base
2. Collector
3. Emitter
4. Collector (Flange)
4
1
2
3
RENESAS Package code: PLZZ0004CA-A
(Package name: UPAK R )
*UPAK is a trademark of Renesas Technology Corp.
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Collector to base voltage
VCBO
100
V
Collector to emitter voltage
VCEO
50
V
Emitter to base voltage
VEBO
6
V
Collector current
IC
1
A
Collector peak current
iC(peak) *
1
1.5
A
Collector power dissipation
PC*
2
1
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. PW ≤ 10 ms, Duty cycle ≤ 20%
2. Value on the alumina ceramic board (12.5 x 20 x 0.7 mm)


유사한 부품 번호 - 2SD1368CCTL-E

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
2SD1368 HITACHI-2SD1368 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
logo
Guangdong Kexin Industr...
2SD1368 KEXIN-2SD1368 Datasheet
51Kb / 1P
   Silicon NPN Epitaxial
2SD1368-A KEXIN-2SD1368-A Datasheet
421Kb / 2P
   NPN Transistors
2SD1368-A-HF KEXIN-2SD1368-A-HF Datasheet
738Kb / 2P
   NPN Transistors
2SD1368-B KEXIN-2SD1368-B Datasheet
421Kb / 2P
   NPN Transistors
More results

유사한 설명 - 2SD1368CCTL-E

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
2SD1421 HITACHI-2SD1421 Datasheet
30Kb / 6P
   Silicon NPN Epitaxial
2SD2019 HITACHI-2SD2019 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial
2SD2122 HITACHI-2SD2122 Datasheet
34Kb / 7P
   Silicon NPN Epitaxial
2SD2263 HITACHI-2SD2263 Datasheet
33Kb / 7P
   Silicon NPN Epitaxial
2SC1213 HITACHI-2SC1213 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC2732 HITACHI-2SC2732 Datasheet
36Kb / 7P
   Silicon NPN Epitaxial
2SC2734 HITACHI-2SC2734 Datasheet
49Kb / 10P
   Silicon NPN Epitaxial
2SC2736 HITACHI-2SC2736 Datasheet
55Kb / 11P
   Silicon NPN Epitaxial
2SC3553 HITACHI-2SC3553 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC4262 HITACHI-2SC4262 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
2SC4264 HITACHI-2SC4264 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com