전자부품 데이터시트 검색엔진 |
|
2SJ181STL-E 데이터시트(PDF) 2 Page - Renesas Technology Corp |
|
2SJ181STL-E 데이터시트(HTML) 2 Page - Renesas Technology Corp |
2 / 8 page 2SJ181(L), 2SJ181(S) Rev.2.00 Sep 07, 2005 page 2 of 7 Absolute Maximum Ratings (Ta = 25 °C) Item Symbol Value Unit Drain to source voltage VDSS –600 V Gate to source voltage VGSS ±15 V Drain current ID –0.5 A Drain peak current ID (pulse) Note 1 –1.0 A Body to drain diode reverse drain current IDR –0.5 A Channel dissipation Pch Note 2 20 W Channel temperature Tch 150 °C Storage temperature Tstg –55 to +150 °C Notes: 1. PW ≤ 10 µs, duty cycle ≤ 1% 2. Value at Tc = 25 °C Electrical Characteristics (Ta = 25 °C) Item Symbol Min Typ Max Unit Test Conditions Drain to source breakdown voltage V (BR) DSS –600 — — V ID = –10 mA, VGS = 0 Gate to source breakdown voltage V (BR) GSS ±15 — — V IG = ±100 µA, VDS = 0 Gate to source leak current IGSS — — ±10 µA VGS = ±12 V, VDS = 0 Zero gate voltage drain current IDSS — — –100 µA VDS = –500 V, VGS = 0 Gate to source cutoff voltage VGS (off) –2.0 — –4.0 V ID = –1 mA, VDS = –10 V Static drain to source on state resistance RDS (on) — 15 25 Ω ID = –0.3 A, VGS = –10 V Note 3 Forward transfer admittance |yfs| 0.3 0.45 — S ID = –0.3 A, VDS = –20 V Note 3 Input capacitance Ciss — 220 — pF Output capacitance Coss — 55 — pF Reverse transfer capacitance Crss — 13 — pF VDS = –10 V VGS = 0 f = 1 MHz Turn-on delay time td (on) — 7 — ns Rise time tr — 20 — ns Turn-off delay time td (off) — 35 — ns Fall time tf — 35 — ns ID = –0.3 A VGS = –10 V RL = 100 Ω Body to drain diode forward voltage VDF — –0.85 — V IF = –0.5 A, VGS = 0 Body to drain diode reverse recovery time trr — 230 — ns IF = –0.5 A, VGS = 0 diF/dt = 50 A/ µs Note: 3. Pulse test |
유사한 부품 번호 - 2SJ181STL-E |
|
유사한 설명 - 2SJ181STL-E |