전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SJ496 데이터시트(PDF) 2 Page - Renesas Technology Corp

부품명 2SJ496
상세설명  Silicon P Channel MOS FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SJ496 데이터시트(HTML) 2 Page - Renesas Technology Corp

  2SJ496 Datasheet HTML 1Page - Renesas Technology Corp 2SJ496 Datasheet HTML 2Page - Renesas Technology Corp 2SJ496 Datasheet HTML 3Page - Renesas Technology Corp 2SJ496 Datasheet HTML 4Page - Renesas Technology Corp 2SJ496 Datasheet HTML 5Page - Renesas Technology Corp 2SJ496 Datasheet HTML 6Page - Renesas Technology Corp 2SJ496 Datasheet HTML 7Page - Renesas Technology Corp 2SJ496 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2SJ496
Rev.3.00 Sep 07, 2005 page 2 of 7
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Value
Unit
Drain to source voltage
VDSS
–60
V
Gate to source voltage
VGSS
±20
V
Drain current
ID
–5
A
Drain peak current
ID (pulse)
Note 1
–20
A
Body to drain diode reverse drain current
IDR
–5
A
Avalanche current
IAP
Note 3
–5
A
Avalanche energy
EAR
Note 3
2.14
mJ
Channel dissipation
Pch
Note 2
0.9
W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. PW
≤ 100 µs, duty cycle ≤ 10%
2. Value at Ta = 25
°C
3. Value at Tch = 25
°C, Rg ≥ 50 Ω
Electrical Characteristics
(Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown voltage
V (BR) DSS
–60
V
ID = –10 mA, VGS = 0
Gate to source breakdown voltage
V (BR) GSS
±20
V
IG =
±100 µA, VDS = 0
Zero gate voltage drain current
IDSS
–10
µA
VDS = –60 V, VGS = 0
Gate to source leak current
IGSS
±10
µA
VGS =
±16 V, VDS = 0
Gate to source cutoff voltage
VGS (off)
–1.0
–2.0
V
ID = –1 mA, VDS = –5 V
RDS (on)
0.12
0.16
ID = –2.5 A, VGS = –10 V
Note 4
Static drain to source on state resistance
RDS (on)
0.17
0.24
ID = –2.5 A, VGS = –4 V
Note 4
Forward transfer admittance
|yfs|
3
5
S
ID = –2.5 A, VDS = –10 V
Note 4
Input capacitance
Ciss
600
pF
Output capacitance
Coss
290
pF
Reverse transfer capacitance
Crss
80
pF
VDS = –10 V
VGS = 0
f = 1 MHz
Turn-on delay time
td (on)
10
ns
Rise time
tr
25
ns
Turn-off delay time
td (off)
95
ns
Fall time
tf
55
ns
VGS = –10 V
ID = –2.5 A
RL = 12
Body to drain diode forward voltage
VDF
–1.0
V
IF = –5 A, VGS = 0
Body to drain diode reverse recovery
time
trr
65
ns
IF = –5 A, VGS = 0
diF/dt = 50 A/
µs
Note:
4. Pulse test


유사한 부품 번호 - 2SJ496

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
2SJ496 HITACHI-2SJ496 Datasheet
50Kb / 10P
   Silicon P-Channel MOS FET High Speed Power Switching
logo
Renesas Technology Corp
2SJ496TZ-E RENESAS-2SJ496TZ-E Datasheet
114Kb / 8P
   Silicon P Channel MOS FET
2SJ496 RENESAS-2SJ496_11 Datasheet
114Kb / 8P
   Silicon P Channel MOS FET
2SJ496 RENESAS-2SJ496_15 Datasheet
114Kb / 8P
   Silicon P Channel MOS FET
More results

유사한 설명 - 2SJ496

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
2SJ221 HITACHI-2SJ221 Datasheet
48Kb / 8P
   Silicon P-Channel MOS FET
2SJ363 HITACHI-2SJ363 Datasheet
37Kb / 7P
   Silicon P-Channel MOS FET
2SJ386 HITACHI-2SJ386 Datasheet
38Kb / 7P
   Silicon P-Channel MOS FET
logo
Renesas Technology Corp
2SJ181(L) RENESAS-2SJ181(L)_15 Datasheet
109Kb / 7P
   Silicon P Channel MOS FET
2SJ555 RENESAS-2SJ555_15 Datasheet
109Kb / 10P
   Silicon P Channel MOS FET
2SJ518 RENESAS-2SJ518_15 Datasheet
102Kb / 9P
   Silicon P Channel MOS FET
2SJ526 RENESAS-2SJ526_15 Datasheet
110Kb / 10P
   Silicon P Channel MOS FET
2SJ542 RENESAS-2SJ542_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ543 RENESAS-2SJ543_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ550 RENESAS-2SJ550 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
2SJ551 RENESAS-2SJ551 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com