전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK3150L-E 데이터시트(PDF) 7 Page - Renesas Technology Corp

부품명 2SK3150L-E
상세설명  Silicon N Channel MOS FET High Speed Power Switching
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK3150L-E 데이터시트(HTML) 7 Page - Renesas Technology Corp

  2SK3150L-E Datasheet HTML 1Page - Renesas Technology Corp 2SK3150L-E Datasheet HTML 2Page - Renesas Technology Corp 2SK3150L-E Datasheet HTML 3Page - Renesas Technology Corp 2SK3150L-E Datasheet HTML 4Page - Renesas Technology Corp 2SK3150L-E Datasheet HTML 5Page - Renesas Technology Corp 2SK3150L-E Datasheet HTML 6Page - Renesas Technology Corp 2SK3150L-E Datasheet HTML 7Page - Renesas Technology Corp 2SK3150L-E Datasheet HTML 8Page - Renesas Technology Corp 2SK3150L-E Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
2SK3150(L), 2SK3150(S)
Rev.4.00 Sep 07, 2005 page 7 of 8
Package Dimensions
10.2 ± 0.3
0.86
0.76 ± 0.1
2.54 ± 0.5
2.54 ± 0.5
+ 0.2
– 0.1
1.3 ± 0.2
4.44 ± 0.2
1.3 ± 0.15
2.49 ± 0.2
0.4 ± 0.1
1.37 ± 0.2
Package Name
PRSS0004AE-A
LDPAK(L) / LDPAK(L)V
MASS[Typ.]
1.40g
RENESAS Code
JEITA Package Code
Unit: mm
10.2 ± 0.3
1.37 ± 0.2
4.44 ± 0.2
1.3 ± 0.15
0.1
+ 0.2
– 0.1
0.4 ± 0.1
2.49 ± 0.2
0.86
+ 0.2
– 0.1
2.54 ± 0.5
2.54 ± 0.5
1.3 ± 0.2
7.8
6.6
2.2
SC-83
1.30g
MASS[Typ.]
LDPAK(S)-(1) / LDPAK(S)-(1)V
PRSS0004AE-B
RENESAS Code
JEITA Package Code
Package Name
Unit: mm


유사한 부품 번호 - 2SK3150L-E

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
2SK3150L HITACHI-2SK3150L Datasheet
55Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
logo
Inchange Semiconductor ...
2SK3150L ISC-2SK3150L Datasheet
327Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - 2SK3150L-E

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com