전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RQA0008NXAQS 데이터시트(PDF) 6 Page - Renesas Technology Corp

부품명 RQA0008NXAQS
상세설명  Silicon N-Channel MOS FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RQA0008NXAQS 데이터시트(HTML) 6 Page - Renesas Technology Corp

  RQA0008NXAQS Datasheet HTML 1Page - Renesas Technology Corp RQA0008NXAQS Datasheet HTML 2Page - Renesas Technology Corp RQA0008NXAQS Datasheet HTML 3Page - Renesas Technology Corp RQA0008NXAQS Datasheet HTML 4Page - Renesas Technology Corp RQA0008NXAQS Datasheet HTML 5Page - Renesas Technology Corp RQA0008NXAQS Datasheet HTML 6Page - Renesas Technology Corp RQA0008NXAQS Datasheet HTML 7Page - Renesas Technology Corp RQA0008NXAQS Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
RQA0008NXAQS
REJ03G1569-0100 Rev.1.00 Jul 04, 2007
Page 6 of 7
S Parameter
(VDS = 6 V, IDQ = 400 mA, Zo = 50 Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG (deg.)
MAG
ANG (deg.)
MAG
ANG (deg.)
MAG
ANG (deg.)
100
0.883
-170.0
8.48
84.9
0.021
-3.0
0.867
-175.4
150
0.904
-175.7
5.46
80.1
0.021
-5.3
0.879
-177.3
200
0.902
-178.2
4.13
72.6
0.021
-12.0
0.872
-178.5
250
0.900
179.6
3.30
67.1
0.021
-16.5
0.872
-179.7
300
0.898
177.8
2.75
61.6
0.021
-19.8
0.873
179.5
350
0.898
176.2
2.34
56.2
0.020
-24.2
0.873
178.8
400
0.897
174.8
2.04
50.9
0.020
-27.7
0.874
178.4
450
0.898
173.4
1.80
45.7
0.020
-31.3
0.873
177.8
500
0.899
172.3
1.61
40.7
0.020
-34.4
0.873
177.4
550
0.900
171.2
1.46
35.5
0.019
-38.2
0.875
176.8
600
0.900
170.1
1.33
30.5
0.019
-41.5
0.876
176.5
650
0.899
169.0
1.22
25.5
0.019
-45.0
0.876
176.0
700
0.899
167.9
1.13
20.5
0.019
-47.8
0.878
175.6
750
0.899
166.9
1.04
15.6
0.018
-51.2
0.878
175.2
800
0.898
165.8
0.97
10.6
0.018
-54.8
0.880
174.9
850
0.899
164.7
0.91
5.7
0.018
-57.4
0.878
174.4
900
0.901
163.7
0.85
0.9
0.018
-60.9
0.880
173.9
950
0.903
162.7
0.80
-3.9
0.017
-63.5
0.882
173.5
1000
0.903
161.8
0.75
-8.7
0.017
-66.5
0.883
173.1
1050
0.903
160.8
0.71
-13.4
0.017
-69.3
0.884
172.6
1100
0.905
159.8
0.68
-18.1
0.016
-71.9
0.883
172.1
1150
0.906
158.8
0.64
-22.8
0.016
-74.8
0.886
171.6
1200
0.907
157.8
0.61
-27.3
0.016
-76.8
0.888
171.2
1250
0.909
156.8
0.58
-32.0
0.015
-79.6
0.891
170.8
1300
0.911
155.8
0.55
-36.6
0.015
-81.9
0.893
170.4
1350
0.912
154.9
0.52
-41.2
0.015
-84.1
0.896
170.0
1400
0.912
154.0
0.50
-45.8
0.015
-86.2
0.897
169.5
1450
0.912
153.1
0.48
-50.3
0.014
-88.6
0.898
169.1
1500
0.913
152.1
0.46
-54.8
0.014
-90.2
0.900
168.7
1550
0.914
151.2
0.44
-59.2
0.014
-92.6
0.900
168.4
1600
0.915
150.3
0.42
-63.8
0.014
-94.1
0.902
167.8
1650
0.916
149.4
0.40
-68.3
0.013
-95.9
0.903
167.4
1700
0.915
148.5
0.39
-72.6
0.013
-97.6
0.904
167.0
1750
0.914
147.6
0.38
-76.9
0.013
-99.0
0.904
166.4
1800
0.913
146.7
0.36
-81.1
0.013
-100.8
0.906
165.8
1850
0.915
145.7
0.35
-85.3
0.013
-102.2
0.909
165.5
1900
0.920
144.5
0.34
-89.5
0.013
-103.9
0.909
165.0
1950
0.923
143.3
0.33
-93.6
0.013
-105.8
0.910
164.5
2000
0.925
142.3
0.31
-97.9
0.013
-107.2
0.911
163.9
2050
0.926
141.4
0.30
-102.1
0.013
-108.7
0.913
163.5
2100
0.928
140.5
0.29
-106.3
0.013
-109.9
0.914
163.0
2150
0.929
139.6
0.28
-110.6
0.013
-112.2
0.916
162.4
2200
0.930
138.7
0.27
-114.7
0.013
-112.8
0.917
161.8
2250
0.932
137.8
0.27
-118.9
0.013
-114.9
0.921
161.5
2300
0.931
137.1
0.26
-123.0
0.013
-116.5
0.921
161.0
2350
0.930
136.3
0.25
-127.1
0.013
-118.5
0.921
160.5
2400
0.926
135.5
0.24
-131.2
0.013
-120.2
0.924
159.9
2450
0.922
134.4
0.24
-135.4
0.014
-121.9
0.923
159.5
2500
0.920
133.3
0.23
-139.5
0.014
-123.7
0.921
159.0


유사한 부품 번호 - RQA0008NXAQS

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
RQA0008RXDQS RENESAS-RQA0008RXDQS Datasheet
197Kb / 13P
   Silicon N-Channel MOS FET
RQA0008RXDQS RENESAS-RQA0008RXDQS_15 Datasheet
219Kb / 15P
   Silicon N-Channel MOS FET
More results

유사한 설명 - RQA0008NXAQS

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com