전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SJ533-E 데이터시트(PDF) 7 Page - Renesas Technology Corp

부품명 2SJ533-E
상세설명  Silicon P Channel MOS FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SJ533-E 데이터시트(HTML) 7 Page - Renesas Technology Corp

  2SJ533-E Datasheet HTML 1Page - Renesas Technology Corp 2SJ533-E Datasheet HTML 2Page - Renesas Technology Corp 2SJ533-E Datasheet HTML 3Page - Renesas Technology Corp 2SJ533-E Datasheet HTML 4Page - Renesas Technology Corp 2SJ533-E Datasheet HTML 5Page - Renesas Technology Corp 2SJ533-E Datasheet HTML 6Page - Renesas Technology Corp 2SJ533-E Datasheet HTML 7Page - Renesas Technology Corp 2SJ533-E Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
2SJ533
Rev.4.00 Sep 07, 2005 page 7 of 7
Package Dimensions
10.0 ± 0.3
3.2 ± 0.2
2.7 ± 0.2
0.7 ± 0.1
2.5 ± 0.2
4.5 ± 0.3
2.54
2.54
1.0 ± 0.2
1.15 ± 0.2
φ
0.6 ± 0.1
Package Name
PRSS0003AE-A
TO-220CFM / TO-220CFMV
MASS[Typ.]
1.9g
RENESAS Code
JEITA Package Code
Unit: mm
Ordering Information
Part Name
Quantity
Shipping Container
2SJ533-E
50 pcs
Plastic magazine
Note:
For some grades, production may be terminated. Please contact the Renesas sales office to check the state of
production before ordering the product.


유사한 부품 번호 - 2SJ533-E

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
2SJ533 HITACHI-2SJ533 Datasheet
52Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
More results

유사한 설명 - 2SJ533-E

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
2SJ221 HITACHI-2SJ221 Datasheet
48Kb / 8P
   Silicon P-Channel MOS FET
2SJ363 HITACHI-2SJ363 Datasheet
37Kb / 7P
   Silicon P-Channel MOS FET
2SJ386 HITACHI-2SJ386 Datasheet
38Kb / 7P
   Silicon P-Channel MOS FET
logo
Renesas Technology Corp
2SJ181(L) RENESAS-2SJ181(L)_15 Datasheet
109Kb / 7P
   Silicon P Channel MOS FET
2SJ555 RENESAS-2SJ555_15 Datasheet
109Kb / 10P
   Silicon P Channel MOS FET
2SJ518 RENESAS-2SJ518_15 Datasheet
102Kb / 9P
   Silicon P Channel MOS FET
2SJ526 RENESAS-2SJ526_15 Datasheet
110Kb / 10P
   Silicon P Channel MOS FET
2SJ542 RENESAS-2SJ542_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ543 RENESAS-2SJ543_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ550 RENESAS-2SJ550 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
2SJ551 RENESAS-2SJ551 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com