전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SD1137 데이터시트(PDF) 3 Page - Renesas Technology Corp

부품명 2SD1137
상세설명  Silicon NPN Triple Diffused
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SD1137 데이터시트(HTML) 3 Page - Renesas Technology Corp

  2SD1137 Datasheet HTML 1Page - Renesas Technology Corp 2SD1137 Datasheet HTML 2Page - Renesas Technology Corp 2SD1137 Datasheet HTML 3Page - Renesas Technology Corp 2SD1137 Datasheet HTML 4Page - Renesas Technology Corp 2SD1137 Datasheet HTML 5Page - Renesas Technology Corp 2SD1137 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SD1137
Silicon NPN Triple Diffused
ADE-208-907 (Z)
1st. Edition
September 2000
Application
Low frequency power amplifier TV vertical deflection output complementary pair with 2SB860
Outline
1. Base
2. Collector
(Flange)
3. Emitter
TO-220AB
1
2
3
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
Rating
Unit
Collector to base voltage
V
CBO
100
V
Collector to emitter voltage
V
CEO
100
V
Emitter to base voltage
V
EBO
4V
Collector current
I
C
4A
Collector peak current
I
C (peak)
5A
Collector power dissipation
P
C
1.8
W
P
C*
1
40
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–45 to +150
°C
Note:
1. Value at T
C = 25°C.


유사한 부품 번호 - 2SD1137

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
2SD1137 HITACHI-2SD1137 Datasheet
31Kb / 5P
   Silicon NPN Triple Diffused
logo
List of Unclassifed Man...
2SD1137 ETC1-2SD1137 Datasheet
55Kb / 2P
   Power Bipolar Transistors
logo
Inchange Semiconductor ...
2SD1137 ISC-2SD1137 Datasheet
96Kb / 5P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD1137 SAVANTIC-2SD1137 Datasheet
132Kb / 5P
   Silicon NPN Power Transistors
2SD1137 SAVANTIC-2SD1137 Datasheet
134Kb / 5P
   Silicon NPN Power Transistors
More results

유사한 설명 - 2SD1137

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
2SC4692 HITACHI-2SC4692 Datasheet
44Kb / 5P
   SILICON NPN TRIPLE DIFFUSED DIFFUSED
2SD2300 HITACHI-2SD2300 Datasheet
32Kb / 5P
   Silicon NPN Triple Diffused
2SD1606 HITACHI-2SD1606 Datasheet
35Kb / 6P
   Silicon NPN Triple Diffused
2SD2107 HITACHI-2SD2107 Datasheet
32Kb / 6P
   Silicon NPN Triple Diffused
2SC1881 HITACHI-2SC1881 Datasheet
35Kb / 6P
   Silicon NPN Triple Diffused
2SC2611 HITACHI-2SC2611 Datasheet
30Kb / 6P
   Silicon NPN Triple Diffused
2SC4499 HITACHI-2SC4499 Datasheet
39Kb / 8P
   Silicon NPN Triple Diffused
2SC4797 HITACHI-2SC4797 Datasheet
20Kb / 4P
   Silicon NPN Triple Diffused
2SC3322 HITACHI-2SC3322 Datasheet
45Kb / 7P
   Silicon NPN Triple Diffused
logo
Renesas Technology Corp
2SC1515 RENESAS-2SC1515 Datasheet
160Kb / 5P
   Silicon NPN Triple Diffused
2SD1126 RENESAS-2SD1126 Datasheet
147Kb / 7P
   Silicon NPN Triple Diffused
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com