전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4556 데이터시트(PDF) 88 Page - Renesas Technology Corp

부품명 4556
상세설명  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
Download  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4556 데이터시트(HTML) 88 Page - Renesas Technology Corp

Back Button 4556 Datasheet HTML 84Page - Renesas Technology Corp 4556 Datasheet HTML 85Page - Renesas Technology Corp 4556 Datasheet HTML 86Page - Renesas Technology Corp 4556 Datasheet HTML 87Page - Renesas Technology Corp 4556 Datasheet HTML 88Page - Renesas Technology Corp 4556 Datasheet HTML 89Page - Renesas Technology Corp 4556 Datasheet HTML 90Page - Renesas Technology Corp 4556 Datasheet HTML 91Page - Renesas Technology Corp 4556 Datasheet HTML 92Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 145 page
background image
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Rev.3.02
Dec 22, 2006
page 88 of 142
REJ03B0025-0302
4556 Group
RTI (ReTurn from Interrupt)
0001000110
046
11
Grouping:
Return operation
Description: Returns from interrupt service routine to
main routine.
Returns each value of data pointer (X, Y, Z),
carry flag, skip status, NOP mode status by
the continuous description of the LA/LXY in-
struction, register A and register B to the
states just before interrupt.
Operation:
(PC)
← (SK(SP))
(SP)
← (SP) – 1
MACHINE INSTRUCTIONS (INDEX BY ALPHABET) (continued)
RTS (ReTurn from subroutine and Skip)
0001000101
04
5
12
Skip at uncondition
Grouping:
Return operation
Description: Returns from subroutine to the routine
called the subroutine, and skips the next in-
struction at uncondition.
Operation:
(PC)
← (SK(SP))
(SP)
← (SP) – 1
RD (Reset port D specified by register Y)
0000010100
01
4
11
Grouping:
Input/Output operation
Description: Clears (0) to a bit of port D specified by reg-
ister Y.
Operation:
(D(Y))
← 0
However,
(Y) = 0 to 7
RT (ReTurn from subroutine)
0001000100
04
4
12
Grouping:
Return operation
Description: Returns from subroutine to the routine
called the subroutine.
Operation:
(PC)
← (SK(SP))
(SP)
← (SP) – 1


유사한 부품 번호 - 4556

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
4556 ETC2-4556 Datasheet
246Kb / 2P
   Heyco-Tite Brass Liquid Tight Cordgrips PG Hubs
logo
Festo Corporation.
4556 FESTO-4556 Datasheet
82Kb / 1P
   Air solenoid valve
logo
MolexKits
45560-0160 MOLEXKITS-45560-0160 Datasheet
38Kb / 2P
   Craddle Commector,SMT Right Angle Receptacle, Wire and PCB Termination Plug, IP-54 Rating
45560-0161 MOLEXKITS-45560-0161 Datasheet
38Kb / 2P
   Craddle Commector,SMT Right Angle Receptacle, Wire and PCB Termination Plug, IP-54 Rating
logo
Molex Electronics Ltd.
455600160 MOLEX-455600160 Datasheet
1Mb / 27P
   0.8MM HANDYLINK 16 CKT CRADLE CONN. ASSY PERPENDICULAR TO PCB
More results

유사한 설명 - 4556

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
34280M1 ETC-34280M1 Datasheet
9Kb / 2P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
M34282 RENESAS-M34282 Datasheet
609Kb / 69P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4502 RENESAS-4502 Datasheet
880Kb / 116P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4513 RENESAS-4513 Datasheet
1Mb / 97P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4518 RENESAS-4518 Datasheet
1Mb / 160P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4552 RENESAS-4552 Datasheet
1Mb / 145P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4553 RENESAS-4553 Datasheet
1Mb / 145P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
455A RENESAS-455A Datasheet
3Mb / 148P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4508 RENESAS-4508 Datasheet
1Mb / 142P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4509 RENESAS-4509 Datasheet
907Kb / 142P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4554 RENESAS-4554 Datasheet
1Mb / 138P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com