전자부품 데이터시트 검색엔진 |
|
SN74ABT620DBRE4 데이터시트(PDF) 3 Page - Texas Instruments |
|
SN74ABT620DBRE4 데이터시트(HTML) 3 Page - Texas Instruments |
3 / 11 page SN54ABT620, SN74ABT620 OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS SCBS113D – FEBRUARY 1991 – REVISED APRIL 1998 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 recommended operating conditions (see Note 3) SN54ABT620 SN74ABT620 UNIT MIN MAX MIN MAX UNIT VCC Supply voltage 4.5 5.5 4.5 5.5 V VIH High-level input voltage 2 2 V VIL Low-level input voltage 0.8 0.8 V VI Input voltage 0 VCC 0 VCC V IOH High-level output current –24 –32 mA IOL Low-level output current 48 64 mA ∆t/∆v Input transition rise or fall rate Outputs enabled 5 5 ns/V TA Operating free-air temperature –55 125 –40 85 °C NOTE 3: All unused pins (control or I/O) of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. PRODUCT PREVIEW information concerns products in the formative or design phase of development. Characteristic data and other specifications are design goals. Texas Instruments reserves the right to change or discontinue these products without notice. |
유사한 부품 번호 - SN74ABT620DBRE4 |
|
유사한 설명 - SN74ABT620DBRE4 |