전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STD1NK60-1 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 STD1NK60-1
상세설명  N-CHANNEL 600V - 8廓 - 1A DPAK/TO-92/IPAK/SOT-223 SuperMESH MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD1NK60-1 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button STD1NK60-1 Datasheet HTML 5Page - STMicroelectronics STD1NK60-1 Datasheet HTML 6Page - STMicroelectronics STD1NK60-1 Datasheet HTML 7Page - STMicroelectronics STD1NK60-1 Datasheet HTML 8Page - STMicroelectronics STD1NK60-1 Datasheet HTML 9Page - STMicroelectronics STD1NK60-1 Datasheet HTML 10Page - STMicroelectronics STD1NK60-1 Datasheet HTML 11Page - STMicroelectronics STD1NK60-1 Datasheet HTML 12Page - STMicroelectronics STD1NK60-1 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9/15
STD1NK60 - STD1NK60-1 - STQ1HNK60R - STN1HNK60
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A1
4.45
4.95
0.170
0.194
T
3.30
3.94
0.130
0.155
T1
1.6
0.06
T2
2.3
0.09
d
0.41
0.56
0.016
0.022
P0
12.5
12.7
12.9
0.49
0.5
0.51
P2
5.65
6.35
7.05
0.22
0.25
0.27
F1, F2
2.44
2.54
2.94
0.09
0.1
0.11
delta H
-2
2
-0.08
0.08
W
17.5
18
19
0.69
0.71
0.74
W0
5.7
6
6.3
0.22
0.23
0.24
W1
8.5
9
9.25
0.33
0.35
0.36
W2
0.5
0.02
H
18.5
20.5
0.72
0.80
H0
15.5
16
16.5
0.61
0.63
0.65
H1
25
0.98
D0
3.8
4
4.2
0.15
0.157
0.16
t0.9
0.035
L11
0.43
l1
3
0.11
delta P
-1
1
-0.04
0.04
TO-92 AMMOPACK


유사한 부품 번호 - STD1NK60-1

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STD1NK60-1 STMICROELECTRONICS-STD1NK60-1 Datasheet
748Kb / 13P
   N-CHANNEL 600V - 8 - 1A DPAK / IPAK / TO-92 SuperMESH Power MOSFET
STD1NK60-1 STMICROELECTRONICS-STD1NK60-1 Datasheet
485Kb / 15P
   N-CHANNEL 600V - 8-ohm - 1A DPAK/TO-92/IPAK/SOT-223 SuperMESH-TM MOSFET
logo
VBsemi Electronics Co.,...
STD1NK60-1 VBSEMI-STD1NK60-1 Datasheet
1Mb / 9P
   N-Channel 650V (D-S)Power MOSFET
More results

유사한 설명 - STD1NK60-1

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STN1HNK60 STMICROELECTRONICS-STN1HNK60 Datasheet
485Kb / 15P
   N-CHANNEL 600V - 8-ohm - 1A DPAK/TO-92/IPAK/SOT-223 SuperMESH-TM MOSFET
STD1NK60 STMICROELECTRONICS-STD1NK60 Datasheet
748Kb / 13P
   N-CHANNEL 600V - 8 - 1A DPAK / IPAK / TO-92 SuperMESH Power MOSFET
STQ1NK80ZR-AP STMICROELECTRONICS-STQ1NK80ZR-AP Datasheet
630Kb / 15P
   N-CHANNEL 800V - 13 廓 - 1 A TO-92 /SOT-223/DPAK/IPAK Zener - Protected SuperMESH??MOSFET
logo
Microsemi Corporation
STD1LNK60Z-1 MICROSEMI-STD1LNK60Z-1_06 Datasheet
732Kb / 14P
   N-CHANNEL 600V 13 OHM 0.8A TO-92/IPAK/SOT-223 Zener-Protected SuperMESH MOSFET
logo
STMicroelectronics
STD1LNK60Z-1 STMICROELECTRONICS-STD1LNK60Z-1 Datasheet
657Kb / 14P
   N-CHANNEL 600V 13 OHM 0.8A TO-92/IPAK/SOT-223 Zener-Protected SuperMESH MOSFET
September 2005 Rev. 6
STD2HNK60Z STMICROELECTRONICS-STD2HNK60Z Datasheet
497Kb / 16P
   N-channel 600V - 4.4廓 - 2A - TO-92/TO-220FP/DPAK/IPAK Zener-protected SuperMESH??Power MOSFET
STQ1NK60ZR-AP STMICROELECTRONICS-STQ1NK60ZR-AP_07 Datasheet
466Kb / 16P
   N-channel 600V - 13廓 - 0.8A - TO-92 - TO-251 - SOT-223 Zener-Protected SuperMESH??Power MOSFET
STD2HNK60Z-1 STMICROELECTRONICS-STD2HNK60Z-1 Datasheet
405Kb / 12P
   N-CHANNEL 600V - 4.4廓 - 2.0A TO-92/TO-220FP/IPAK Zener-Protected SuperMESH MOSFET
STD3NK50Z STMICROELECTRONICS-STD3NK50Z Datasheet
481Kb / 14P
   N-CHANNEL 500V - 2.8ohm - 2.3A TO-92/DPAK/IPAK Zener-Protected SuperMESH MOSFET
STN3N45K3 STMICROELECTRONICS-STN3N45K3 Datasheet
487Kb / 12P
   N-channel 450 V, 3.2 廓, 1.8 A, TO-92, SOT-223, IPAK SuperMESH3??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com