전자부품 데이터시트 검색엔진 |
|
HD6433394 데이터시트(PDF) 14 Page - Renesas Technology Corp |
|
HD6433394 데이터시트(HTML) 14 Page - Renesas Technology Corp |
14 / 747 page Table 3 shows differences in the development environments of the H8/3337YF (dual-power- supply specification) and H8/3337SF (single-power-supply specification). Table 3 H8/3337YF and H8/3337F S-Mask Model Development Environments Item Dual-Power-Supply Model: H8/3337YF Single-Power-Supply Model: H8/3337F S-Mask Model E6000 emulator Emulator unit Hitachi HS3008EPI60H Hitachi HS3008EPI60H User cable Hitachi HS3437ECH61H Hitachi HS3437ECH61H Programming socket adapter Hitachi HS3434ESHF1H Minato DATA I/O Adapter board Hitachi HS0008EASF1H/2H Hitachi HS0008EASF3H Windows interface software Hitachi HS6400FWIW2SF Hitachi HS6400FWIW2SF Table 4 shows differences in the pin settings of the H8/3337YF (dual-power-supply specification) and H8/3337SF (single-power-supply specification). Table 4 H8/3337YF and H8/3337F S-Mask Model Pin Settings Item Dual-Power-Supply Model: H8/3337YF Single-Power-Supply Model: H8/3337F S-Mask Model Boot mode 8 12 V H8/3337YF FVPP/STBY MD1 5 23 24 25 5 6 VCC (5 V) VSS (GND) H8/3337SF P92 P91 P90 MD1 MD0 User programming mode 8 12 V H8/3337YF FVPP/STBY There are no state transitions due to pin states. Transitions should be implemented by means of register settings by software. |
유사한 부품 번호 - HD6433394 |
|
유사한 설명 - HD6433394 |