전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

6N137 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 6N137
상세설명  High Speed Optocoupler, 10 MBd
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

6N137 데이터시트(HTML) 1 Page - Vishay Siliconix

  6N137 Datasheet HTML 1Page - Vishay Siliconix 6N137 Datasheet HTML 2Page - Vishay Siliconix 6N137 Datasheet HTML 3Page - Vishay Siliconix 6N137 Datasheet HTML 4Page - Vishay Siliconix 6N137 Datasheet HTML 5Page - Vishay Siliconix 6N137 Datasheet HTML 6Page - Vishay Siliconix 6N137 Datasheet HTML 7Page - Vishay Siliconix 6N137 Datasheet HTML 8Page - Vishay Siliconix 6N137 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
High Speed Optocoupler, 10 MBd
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 84732
174
Rev. 1.3, 06-Oct-08
6N137, VO2601, VO2611, VO2630, VO2631, VO4661
Vishay Semiconductors
DESCRIPTION
The 6N137, VO2601 and VO2611 are single channel 10 Mbd
optocouplers utilizing a high efficient input LED coupled with
an integrated optical photodiode IC detector. The detector
has an open drain NMOS-transistor output, providing less
leakage compared to an open collector Schottky clamped
transistor output. The VO2630, VO2631 and VO4661 are
dual channel 10 MBd optocouplers. For the single channel
type, an enable function on pin 7 allows the detector to be
strobed. The internal shield provides a guaranteed common
mode transient immunity of 5 kV/µs for the VO2601 and
VO2631 and 15 kV/µs for the VO2611 and VO4661. The use
of a 0.1 µF bypass capacitor connected between pin 5 and 8
is recommended.
AGENCY APPROVALS
• UL1577, file no. E52744 system code H or J, double
protection
• CUL - file no. E52744, equivalent to CSA bulletin 5A
• DIN EN 60747-5-5 (VDE 0884) available with option 1
• BSI IEC 60950
FEATURES
• Choice of CMR performance of 15 kV/µs,
5 kV/µs, and 100 V/µs
• High speed: 10 Mbd typical
• + 5 V CMOS compatibility
• Pure tin leads
• Guaranteed AC and DC performance over
temperature: - 40 °C to + 100 °C temperature range
• Meets IEC 60068-2-42 (SO2) and IEC 60068-2-43 (H2S)
requirements
• Low input current capability: 5 mA
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC and
WEEE 2002/96/EC
APPLICATIONS
• Microprocessor system interface
• PLC, ATE input/output isolation
• Computer peripheral interface
• Digital fieldbus isolation: CC-link, DeviceNet, profibus,
SDS
• High speed A/D and D/A conversion
• AC plasma display panel level shifting
• Multiplexed data transmission
• Digital control power supply
• Ground loop elimination
1
2
3
4
8
7
6
5
1
2
3
4
8
7
6
5
NC
A
C
NC
VCC
VE
VO
GND
A1
C1
C2
A2
VCC
VO1
VO2
GND
Single channel
Dual channel
6N137, VO2601, VO2611
VO2630, VO2631, VO4661
18921-15
ORDER INFORMATION
PART
REMARKS
6N137
100 V/µs, single channel, DIP-8
6N137-X006
100 V/µs, single channel, DIP-8 400 mil
6N137-X007
100 V/µs, single channel, SMD-8
VO2601
5 kV/µs, single channel, DIP-8
VO2601-X006
5 kV/µs, single channel, DIP-8 400 mil
VO2601-X007
5 kV/µs, single channel, SMD-8
VO2611
15 kV/µs, single channel, DIP-8
VO2611-X006
15 kV/µs, single channel, DIP-8 400 mil
VO2611-X007
15 kV/µs, single channel, SMD-8
VO2630
100 V/µs, dual channel, DIP-8
VO2630-X006
100 V/µs, dual channel, DIP-8 400 mil
VO2630-X007
100 V/µs, dual channel, SMD-8
VO2631
5 kV/µs, dual channel, DIP-8
VO2631-X006
5 kV/µs, dual channel, DIP-8 400 mil


유사한 부품 번호 - 6N137

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
6N137 TOSHIBA-6N137 Datasheet
328Kb / 7P
   IRED & PHOTO IC (DEGITAL LOGIC ISOLATION, TELE-COMMUNICATION, ANALOG DATA EQUIPMENT CONTROL)
6N137 TOSHIBA-6N137 Datasheet
202Kb / 8P
   GaA?밃s Ired & Photo IC Degital Logic Isolation
logo
Broadcom Corporation.
6N137 BOARDCOM-6N137 Datasheet
1Mb / 30P
   High CMR, High Speed TTL Compatible Optocouplers
logo
QT Optoelectronics
6N137 QT-6N137 Datasheet
171Kb / 10P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
Everlight Electronics C...
6N137 EVERLIGHT-6N137 Datasheet
1Mb / 15P
   8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE
More results

유사한 설명 - 6N137

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
VO2630 VISHAY-VO2630 Datasheet
664Kb / 12P
   High Speed Optocoupler, 10 Mbd
Rev. 1.0, 07-Jun-05
6N137A VISHAY-6N137A_V01 Datasheet
209Kb / 10P
   High Speed Optocoupler, 10 MBd
01-Jan-2022
SFH6752 VISHAY-SFH6752 Datasheet
153Kb / 13P
   High Speed Optocoupler, 10 Mbd
Rev. 1.8, 13-Aug-04
6N137A VISHAY-6N137A Datasheet
222Kb / 10P
   High Speed Optocoupler, 10 MBd
Rev. 1.2, 22-May-13
SFH6750 VISHAY-SFH6750_V01 Datasheet
183Kb / 11P
   High Speed Optocoupler, Dual, 10 MBd
01-Jan-2022
VO0600T VISHAY-VO0600T_12 Datasheet
156Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8
Rev. 2.0, 25-Oct-12
VOW137 VISHAY-VOW137 Datasheet
193Kb / 12P
   Widebody, High Isolation, High Speed Optocoupler, 10 MBd
Rev. 1.0, 07-Aug-14
VOW2611 VISHAY-VOW2611 Datasheet
191Kb / 12P
   Widebody, High Isolation, High Speed Optocoupler, 10 MBd
01-Jan-2022
SFH6755T VISHAY-SFH6755T_08 Datasheet
162Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.5, 06-Oct-08
VO0600T VISHAY-VO0600T Datasheet
167Kb / 11P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.6, 14-Mar-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com