전자부품 데이터시트 검색엔진 |
|
TMP300AIDCKRG4 데이터시트(PDF) 1 Page - Texas Instruments |
|
TMP300AIDCKRG4 데이터시트(HTML) 1 Page - Texas Instruments |
1 / 14 page BurrBrown Products from Texas Instruments 1 FEATURES DESCRIPTION APPLICATIONS R PULL-UP 210kW (1) R SET T SET OUT V+ HYST SET V TEMP TMP300 3mA Proportional toT A NOTE:(1)Thinfilmresistorwithapproximately10%accuracy; however,thisaccuracyerroristrimmedoutatthefactory. 1 2 3 6 5 4 V+ V TEMP HYST SET T SET GND OUT TMP300 SC70-6,SOT23-6 TMP300 SBOS335A – JUNE 2005 – REVISED SEPTEMBER 2007 1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70 2 • ACCURACY: ±1°C (typical at +25°C) • PROGRAMMABLE TRIP POINT The TMP300 is a low-power, resistor-programmable, digital output temperature switch. It allows a threshold • PROGRAMMABLE HYSTERESIS: 5°C/10°C point to be set by adding an external resistor. Two • OPEN-DRAIN OUTPUTS levels of hysteresis are available. The TMP300 has a • LOW-POWER: 110μA (max) VTEMP analog output that can be used as a testing point or in temperature-compensation loops. • WIDE VOLTAGE RANGE: +1.8V to +18V • OPERATION: –40°C to +150°C The TMP300 detects temperature with ±4 °C accuracy (max) over –40 °C to +125°C. • ANALOG OUT: 10mV/°C With a supply voltage as low as 1.8V and low current • SC70-6 AND SOT23-6 PACKAGES consumption, the TMP300 is ideal for power-sensitive systems. • POWER-SUPPLY SYSTEMS Available in two micropackages that have proven thermal characteristics, this part gives a complete and • DC-DC MODULES simple solution for users who need simple and • THERMAL MONITORING reliable thermal management. • ELECTRONIC PROTECTION SYSTEMS 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. 2 All trademarks are the property of their respective owners. PRODUCTION DATA information is current as of publication date. Copyright © 2005–2007, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
유사한 부품 번호 - TMP300AIDCKRG4 |
|
유사한 설명 - TMP300AIDCKRG4 |