전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA6047A4 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA6047A4
상세설명  2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPatTM STEREO HEADPHONE DRIVE AND REGULATOR
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPA6047A4 데이터시트(HTML) 4 Page - Texas Instruments

  TPA6047A4 Datasheet HTML 1Page - Texas Instruments TPA6047A4 Datasheet HTML 2Page - Texas Instruments TPA6047A4 Datasheet HTML 3Page - Texas Instruments TPA6047A4 Datasheet HTML 4Page - Texas Instruments TPA6047A4 Datasheet HTML 5Page - Texas Instruments TPA6047A4 Datasheet HTML 6Page - Texas Instruments TPA6047A4 Datasheet HTML 7Page - Texas Instruments TPA6047A4 Datasheet HTML 8Page - Texas Instruments TPA6047A4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATINGS
RECOMMENDED OPERATING CONDITIONS
TPA6047A4
SLOS601 – OCTOBER 2008.............................................................................................................................................................................................. www.ti.com
TERMINAL FUNCTIONS (continued)
TERMINAL
I/O/P
DESCRIPTION
NAME
NO.
ROUT+
20
O
Right-channel positive audio output
HP_EN
22
I
Headphone channel enable logic input; active high enable. HIGH=ENABLE.
SPKR_EN
23
I
Speaker channel enable logic input; active high enable. HIGH=ENABLE.
BYPASS
24
P
Common-mode bias voltage for speaker preamplifiers
REG_EN
25
I
Enable pin (Active HIGH) for turning on/off LDO. HIGH=ENABLE
HP_INR
26
I
Headphone right-channel audio input
HP_INL
27
I
Headphone left-channel audio input
SGND
28
P
Signal ground, connect to CPGND and SPGND
REG_OUT
29
O
Regulated 4.75-V output
VDD
30
P
Positive power supply
GAIN0
31
I
Bit 0, MSB, of gain select bits
GAIN1
32
I
Bit 1, LSB, of gain select bits
Solder the thermal pad on the bottom of the QFN package to the GND plane of the PCB. It is required for
Thermal Pad
Die Pad
P
mechanical stability and will enhance thermal performance.
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
Supply voltage
HPVDD, VDD, SPVDD, CPVDD
–0.3 to 6
V
SPKR_LIN+, SPKR_LIN-, SPKR_RIN+, SPKR_RIN-,
–0.3 to 6.3
HP_EN,GAIN0, GAIN1, SPK_EN, REG_EN
VI
Input voltage
V
HP_INL, HP_INR HP Enabled
–3.5 to 3.5
HP_INL, HP_INR HP not Enabled
–0.3 to 3.5
Continuous total power dissipation
See Dissipation Rating Table
TA
Operating free-air temperature range
–40 to 85
°C
TJ
Operating junction temperature range
–40 to 150
°C
Tstg
Storage temperature range
–65 to 150
°C
Electrostatic discharge
HBM for HP_OUTL and HP_OUTR
8
kV
CDM
500
V
Electrostatic discharge,
all other pins
HBM
2
kV
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operations of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
PACKAGE(1)
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
RHB
5.06 W
40 mW/°C
4.04 W
3.23 W
(1)
The PowerPAD™ must be soldered to a thermal land on the printed-circuit board. Refer to the Texas Instruments document,
PowerPAD™ Thermally Enhanced Package application report (literature number SLMA002) for more information regarding the
PowerPAD™ package.
MIN
MAX
UNIT
Supply voltage
VDD, SPVDD
4.5
5.5
V
Supply voltage
HPVDD, CPVDD
3
5.5
V
VIH
High-level input voltage
SPKR_EN, HP_EN, GAIN0, GAIN1, REG_EN
2
V
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPA6047A4


유사한 부품 번호 - TPA6047A4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA6047A4 TI-TPA6047A4 Datasheet
1Mb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath??STEREO HEADPHONE DRIVE AND REGULATOR
TPA6047A4 TI1-TPA6047A4 Datasheet
1Mb / 27P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath STEREO HEADPHONE DRIVE AND REGULATOR
TPA6047A4RHBR TI1-TPA6047A4RHBR Datasheet
1Mb / 27P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath STEREO HEADPHONE DRIVE AND REGULATOR
TPA6047A4RHBT TI1-TPA6047A4RHBT Datasheet
1Mb / 27P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath STEREO HEADPHONE DRIVE AND REGULATOR
TPA6047A4 TI1-TPA6047A4_16 Datasheet
1Mb / 27P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath STEREO HEADPHONE DRIVE AND REGULATOR
More results

유사한 설명 - TPA6047A4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA6040A4 TI-TPA6040A4 Datasheet
674Kb / 28P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath STEREO HEADPHONE DRIVE AND REGULATOR
TPA6043A4 TI-TPA6043A4 Datasheet
1Mb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath??STEREO HEADPHONE DRIVE AND REGULATOR
TPA6047A4 TI1-TPA6047A4_16 Datasheet
1Mb / 27P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath STEREO HEADPHONE DRIVE AND REGULATOR
TPA6041A4 TI-TPA6041A4 Datasheet
1Mb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath??STEREO HEADPHONE DRIVE AND REGULATOR
TPA6045A4C TI-TPA6045A4C Datasheet
1Mb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath??STEREO HEADPHONE DRIVE AND REGULATOR
logo
National Semiconductor ...
LM4663 NSC-LM4663 Datasheet
606Kb / 10P
   2 Watt Stereo Class D Audio Power Amplifier with Stereo Headphone Amplifier
logo
Anpec Electronics Corop...
APA2020A ANPEC-APA2020A Datasheet
638Kb / 25P
   Stereo 2-W Audio Power Amplifier
logo
Texas Instruments
TPA0202 TI-TPA0202 Datasheet
803Kb / 42P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER
logo
Anpec Electronics Corop...
APA2020 ANPEC-APA2020 Datasheet
269Kb / 25P
   Stereo 2-W Audio Power Amplifier
logo
Texas Instruments
TPA0202 TI1-TPA0202_16 Datasheet
1Mb / 49P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com