전자부품 데이터시트 검색엔진 |
|
TMP423BIDCNR 데이터시트(PDF) 2 Page - Texas Instruments |
|
|
TMP423BIDCNR 데이터시트(HTML) 2 Page - Texas Instruments |
2 / 30 page www.ti.com ABSOLUTE MAXIMUM RATINGS (1) TMP421 TMP422 TMP423 SBOS398B – JULY 2007 – REVISED MARCH 2008 This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. PACKAGE INFORMATION(1) TWO-WIRE PACKAGE PACKAGE PRODUCT DESCRIPTION ADDRESS PACKAGE-LEAD DESIGNATOR MARKING Single Channel TMP421 Remote Junction 100 11xx SOT23-8 DCN DACI Temperature Sensor Dual Channel TMP422 Remote Junction 100 11xx SOT23-8 DCN DADI Temperature Sensor TMP423A Triple Channel 100 1100 SOT23-8 DCN DAEI Remote Junction TMP423B 100 1101 SOT23-8 DCN DAFI Temperature Sensor (1) For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI web site at www.ti.com. Over operating free-air temperature range, unless otherwise noted. TMP421, TMP422, TMP423 UNIT Power Supply, VS +7 V Pins 1, 2, 3, and 4 only –0.5 to VS + 0.5 V Input Voltage Pins 6 and 7 only –0.5 to 7 V Input Current 10 mA Operating Temperature Range –55 to +127 °C Storage Temperature Range –60 to +130 °C Junction Temperature (TJ max) +150 °C Human Body Model (HBM) 3000 V ESD Rating Charged Device Model (CDM) 1000 V Machine Model (MM) 200 V (1) Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those specified is not implied. 2 Submit Documentation Feedback Copyright © 2007–2008, Texas Instruments Incorporated Product Folder Link(s): TMP421 TMP422 TMP423 |
유사한 부품 번호 - TMP423BIDCNR |
|
유사한 설명 - TMP423BIDCNR |