전자부품 데이터시트 검색엔진 |
|
3N252 데이터시트(PDF) 1 Page - Vishay Siliconix |
|
3N252 데이터시트(HTML) 1 Page - Vishay Siliconix |
1 / 4 page KBP005M thru KBP10M, 3N246 thru 3N252 Vishay General Semiconductor Document Number: 88531 Revision: 15-Apr-08 For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com www.vishay.com 1 Glass Passivated Single-Phase Bridge Rectifier FEATURES • UL recognition file number E54214 • Ideal for printed circuit board • High surge current capability • High case dielectric strength • Solder dip 260 °C, 40 s • Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC TYPICAL APPLICATIONS General purpose use in ac-to-dc bridge full wave rectification for switching power supply, home appliances, office equipment, and telecommunication applications. MECHANICAL DATA Case: KBPM Epoxy meets UL 94V-0 flammability rating Terminals: Silver plated leads, solderable per J-STD-002 and JESD22-B102 E4 suffix for consumer grade Polarity: As marked on body e4 PRIMARY CHARACTERISTICS IF(AV) 1.5 A VRRM 50 V to 1000 V IFSM 60 A IR 5 µA VF 1.0 V TJ max. 150 °C Case Style KBPM +~ ~− + ~ ~ − Note: (1) JEDEC registered values MAXIMUM RATINGS (TA = 25 °C unless otherwise noted) PARAMETER SYMBOL KBP 005M KBP 01M KBP 02M KBP 04M KBP 06M KBP 08M KBP 10M UNIT 3N246 3N247 3N248 3N249 3N250 3N251 3N252 Maximum repetitive peak reverse voltage (1) VRRM 50 100 200 400 600 800 1000 V Maximum RMS voltage (1) VRMS 35 70 140 280 420 560 700 V Maximum DC blocking voltage (1) VDC 50 100 200 400 600 800 1000 V Maximum average forward output rectified current at TA = 40 °C IF(AV) 1.5 A Peak forward surge current single half sine-wave (1) TA = 25 °C TJ = 150 °C IFSM 60 40 A Rating for fusing (t < 8.3 ms) I2t 10 A2s Operating junction and storage temperature range (1) TJ, TSTG - 55 to + 150 °C |
유사한 부품 번호 - 3N252 |
|
유사한 설명 - 3N252 |