전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA1170N 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 TDA1170N
상세설명  LOW-NOISE TV VERTICAL DEFLECTION SYSTEM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA1170N 데이터시트(HTML) 3 Page - STMicroelectronics

  TDA1170N Datasheet HTML 1Page - STMicroelectronics TDA1170N Datasheet HTML 2Page - STMicroelectronics TDA1170N Datasheet HTML 3Page - STMicroelectronics TDA1170N Datasheet HTML 4Page - STMicroelectronics TDA1170N Datasheet HTML 5Page - STMicroelectronics TDA1170N Datasheet HTML 6Page - STMicroelectronics TDA1170N Datasheet HTML 7Page - STMicroelectronics TDA1170N Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ELECTRICAL CHARACTERISTICS
(Refer to the test circuits, VS =35 V, Tamb =25
oC,unless otherwise specified)
DC CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Fig.
I2
Pin 2 Quiescent Current
I3 =0
7
14
mA
1b
I5
Pin 5 Quiescent Current
I4 =0
8
17
mA
1b
–I9
Oscillator Bias Current
V9 = 1V
0.1
1
µA1a
–I10
Amplifier Input Bias Current
V10 =1V
1
10
µA1b
–I12
Ramp Generator Bias Current
V12 = 0
0.02
0.3
µA1a
–I12
Ramp Generator Current
I7 =20
µA, V12 = 0
18.5
20
21.5
µA1b
∆I12
I12
Ramp Generator Non-linearity
∆V12 = 0 to 12V, I7 =20µA
0.2
1
%
1b
Vs
Supply Voltage Range
10
35
V
V1
Pin 1 Saturation Voltage to Ground
I1 = 1mA
1
1.4
V
V3
Pin 3 Saturation Voltage to Ground
I3 = 10mA
300
450
mV
1a
V4
Qiuescent output Voltage
VS = 10V
R1 = 1k
Ω,R2= 1kΩ
4.1
4.4
4.75
V
1a
VS = 35V
R1 = 3k
Ω,R2= 1kΩ
8.3
8.8
9.45
V
1a
V4L
Output Saturation Voltage to Ground
– I4 = 0.1A
–I4 = 0.8A
0.9
1.9
1.2
2.3
V
V
1c
1c
V4H
Output Saturation Voltage to Supply
I4 = 0.1A
I4 = 0.8A
1.4
2.8
2.1
3.2
V
V
1d
1d
V6
Regulated Voltage at Pin 6
6.1
6.5
6.9
V
1b
V7
Regulated Voltage at Pin 7
I7 =20
µA
6.2
6.6
7
V
1b
|
∆V6|
VS
;
∆V7
∆VS
Regulated Voltage Drift with Supply
Voltage
∆VS = 10 to 35V
1
mV/V
1b
V10
Amplifier Input Reference Voltage
2.07
2.2
2.3
V
R8
Pin 8 Input Resistance
V8
≤ 0.4V
1
M
1a
TDA1170N
3/8


유사한 부품 번호 - TDA1170N

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
TDA1170 FAIRCHILD-TDA1170 Datasheet
390Kb / 15P
   TV VERTICAL DEFLECTION SYSTEMS
logo
STMicroelectronics
TDA1170D STMICROELECTRONICS-TDA1170D Datasheet
201Kb / 8P
   LOW-NOISE TV VERTICAL DEFLECTION SYSTEM
TDA1170S STMICROELECTRONICS-TDA1170S Datasheet
319Kb / 9P
   TV VERTICAL DEFLECTION
logo
List of Unclassifed Man...
TDA1170S ETC-TDA1170S Datasheet
674Kb / 12P
   TV VERTICAL DEFLECTION SYSTEM
TDA1170SH ETC-TDA1170SH Datasheet
674Kb / 12P
   TV VERTICAL DEFLECTION SYSTEM
More results

유사한 설명 - TDA1170N

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
TDA1170D STMICROELECTRONICS-TDA1170D Datasheet
201Kb / 8P
   LOW-NOISE TV VERTICAL DEFLECTION SYSTEM
logo
List of Unclassifed Man...
TDA1170S ETC-TDA1170S Datasheet
674Kb / 12P
   TV VERTICAL DEFLECTION SYSTEM
logo
STMicroelectronics
TDA1175P STMICROELECTRONICS-TDA1175P_04 Datasheet
292Kb / 13P
   LOW-NOISE VERTICAL DEFLECTION SYSTEM
TDA1175P STMICROELECTRONICS-TDA1175P Datasheet
171Kb / 8P
   LOW-NOISE VERTICAL DEFLECTION SYSTEM
logo
NTE Electronics
NTE1289 NTE-NTE1289 Datasheet
27Kb / 3P
   Integrated Circuit TV Vertical Deflection System
logo
STMicroelectronics
TDA8176 STMICROELECTRONICS-TDA8176 Datasheet
94Kb / 5P
   TV VERTICAL DEFLECTION SYSTEM FOR TV AND MONITORS
TDA1170S STMICROELECTRONICS-TDA1170S Datasheet
319Kb / 9P
   TV VERTICAL DEFLECTION
logo
Unisonic Technologies
AN5151 UTC-AN5151_15 Datasheet
172Kb / 5P
   TV VIF & SIF & DEFLECTION SYSTEM
logo
Fairchild Semiconductor
TDA1170 FAIRCHILD-TDA1170 Datasheet
390Kb / 15P
   TV VERTICAL DEFLECTION SYSTEMS
KSC2073 FAIRCHILD-KSC2073 Datasheet
56Kb / 4P
   TV Vertical Deflection Output
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com