전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1170N 데이터시트(Datasheet) 4 Page - STMicroelectronics

부품명 TDA1170N
상세내용  LOW-NOISE TV VERTICAL DEFLECTION SYSTEM
PDF  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo 

   
 4 page
background image
Figure 1 : DC Test Circuits
32
V3
I3
1V
1V
8V
R2
R1
+Vs
1k
5
TDA1170N
8
9
712
4
10
TABS
V4
- I12
-I9
I8
Figure 1a
2
+Vs
I2
1V
100k
5
TDA1170N
910
TABS
6
I5
12
- I12
7
V7
- I10
V6
Figure 1b
2
+Vs
4V
TDA1170N
5
94
I4
V4L
TABS
10
Figure 1c
2
+Vs
1V
5
V4H
4
9
10
TDA1170N
I4
TABS
Figure 1d
TDA1170N
4/8




Html 페이지

1  2  3  4  5  6  7  8 


데이터시트



관련 부품명

부품명상세내용Html View제조사
TDA1175PLOW-NOISE VERTICAL DEFLECTION SYSTEM 1 2 3 4 5 MoreSTMicroelectronics
TDA1170DLOW-NOISE TV VERTICAL DEFLECTION SYSTEM 1 2 3 4 5 MoreSTMicroelectronics
STV9306BUS CONTROLLED VERTICAL DEFLECTION SYSTEM WITH EAST/WEST CORRECTION OUTPUT CIRCUIT 1 2 3 4 5 MoreSTMicroelectronics
STV9306ABus-Controlled Vertical Deflection System with East/West Correction Output Circuit 1 2 3 4 5 MoreSTMicroelectronics
TDA8176TV VERTICAL DEFLECTION SYSTEM FOR TV AND MONITORS 1 2 3 4 5 STMicroelectronics
TDA1170STV VERTICAL DEFLECTION SYSTEM 1 2 3 4 5 MoreList of Unclassifed Manufacturers
NTE1289Integrated Circuit TV Vertical Deflection System 1 2 3 NTE Electronics
NTE15002Integrated Circuit Color TV Vertical Deflection Output Circuit 1 2 NTE Electronics
NTE1858Integrated Circuit Vertical Deflection Circuit 1 2 3 4 NTE Electronics
NTE7131Integrated Circuit DC-Coupled Vertical Deflection Circuit 1 2 3 4 NTE Electronics

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl