전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA1220BK 데이터시트(PDF) 12 Page - STMicroelectronics

부품명 TDA1220BK
상세설명  AM-FM QUALITY RADIO
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA1220BK 데이터시트(HTML) 12 Page - STMicroelectronics

Back Button TDA1220BK Datasheet HTML 8Page - STMicroelectronics TDA1220BK Datasheet HTML 9Page - STMicroelectronics TDA1220BK Datasheet HTML 10Page - STMicroelectronics TDA1220BK Datasheet HTML 11Page - STMicroelectronics TDA1220BK Datasheet HTML 12Page - STMicroelectronics TDA1220BK Datasheet HTML 13Page - STMicroelectronics TDA1220BK Datasheet HTML 14Page - STMicroelectronics TDA1220BK Datasheet HTML 15Page - STMicroelectronics TDA1220BK Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
12/18
APPLICATION INFORMATION (continued)
Typical performance of the radio receiver of fig. 12 (Vs = 9V)
Parameter
Test Conditions
Value
WAVEBANDS
FM
87.5 to 108 MHz
AM
510 to 1620 KHz
SENSITIVITY
FM
S/N = 26dB
∆f = 22.5KHz
1
µV
AM
S/N = 6dB
m = 0.3
1
µV
AM
S/N = 26dB
m = 0.3
10
µV
DISTORTION
(fm = 1KHz)
FM
Po = 0.5W
∆f = 22.5KHz
0.25%
∆f = 75KHz
0,7%
AM
Vi = 100
µV
m = 0.3
0.4%
m = 0,8
0,8%
SIGNAL TO NOISE
(fm = 1KHz)
FM
Po = 0.5W
∆f = 22.5KHz
64 dB
Vi = 100
µV
AM
Po = 0.5W
m = 0.3
50 dB
Vi = 1 mV
AMPLITUDE
MODULATION
REJECTION
FM
Vi = 100
µV
∆f = 22.5KHz
m = 0.3
50 dB
TWEET
2nd H.
f = 911 KHz
0.3%
3rd H.
f = 1370 KHz
0.07%
QUIESCENT CURRENT
20 mA
SUPPLY VOLTAGE RANGE
3 to 12V
TDA1220B


유사한 부품 번호 - TDA1220BK

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
TDA1236 ETC1-TDA1236 Datasheet
165Kb / 1P
   INTEGRATED CIRCUITS FOR TV AND RADIO RECEIVERS
logo
Fairchild Semiconductor
TDA1270 FAIRCHILD-TDA1270 Datasheet
390Kb / 15P
   TV VERTICAL DEFLECTION SYSTEMS
More results

유사한 설명 - TDA1220BK

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA1611M SONY-CXA1611M Datasheet
362Kb / 17P
   FM/AM RADIO
CXA1619M SONY-CXA1619M Datasheet
298Kb / 12P
   FM/AM Radio
logo
New Japan Radio
NJM2241 NJRC-NJM2241 Datasheet
473Kb / 14P
   AM/FM RADIO
logo
Sony Corporation
CXA1691AM SONY-CXA1691AM Datasheet
191Kb / 11P
   FM/AM Radio
CXA1691M SONY-CXA1691M Datasheet
290Kb / 13P
   FM/AM RADIO
CXA1019M SONY-CXA1019M Datasheet
322Kb / 13P
   FM/AM Radio
CXA1691BM SONY-CXA1691BM Datasheet
191Kb / 11P
   FM/AM Radio
logo
Unisonic Technologies
CXA1191 UTC-CXA1191_15 Datasheet
203Kb / 8P
   FM/AM Radio
logo
New Japan Radio
NJM2237 NJRC-NJM2237 Datasheet
478Kb / 14P
   AM/FM RADIO
logo
Sony Corporation
CXA1619AM SONY-CXA1619AM Datasheet
193Kb / 11P
   FM/AM Radio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com