전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA1905 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 TDA1905
상세설명  5W AUDIO AMPLIFIER WITH MUTING
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA1905 데이터시트(HTML) 5 Page - STMicroelectronics

  TDA1905 Datasheet HTML 1Page - STMicroelectronics TDA1905 Datasheet HTML 2Page - STMicroelectronics TDA1905 Datasheet HTML 3Page - STMicroelectronics TDA1905 Datasheet HTML 4Page - STMicroelectronics TDA1905 Datasheet HTML 5Page - STMicroelectronics TDA1905 Datasheet HTML 6Page - STMicroelectronics TDA1905 Datasheet HTML 7Page - STMicroelectronics TDA1905 Datasheet HTML 8Page - STMicroelectronics TDA1905 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
BW
Small signal
bandwidth (-3dB)
Vs = 14V
RL =4
Po = 1W
40 to 40,000
Hz
Gv
Voltage gain (open loop)
Vs = 14V
f = 1KHz
75
dB
Gv
Voltage gain (closed loop)
Vs = 14V
f = 1KHz
RL =4
Po =1W
39.5
40
40.5
dB
eN
Total input noise
Rg =50
Rg =1K
Rg = 10K
(
°)
1.2
1.3
1.5
4.0
µV
Rg =50
Rg =1K
Rg = 10K
(
°°)
2.0
2.0
2.2
6.0
µV
S/N
Signal to noise ratio
Vs = 14V
Po = 5.5W
RL =4
Rg = 10K
Rg =0
(
°)
90
92
dB
Rg = 10K
Rg =0
(
°°)
87
87
dB
SVR
Supply voltage rejection
Vs = 18V
RL =8
fripple = 100 Hz
Rg = 10K
Vripple = 0.5Vrms
40
50
dB
Tsd
Thermal shut-down
case temperatura
(*)
Ptot = 2.5W
115
°C
MUTING FUNCTION
VTOFF
Muting-off threshold
voltage (pin 4)
1.9
4.7
V
VTON
Muting-on threshold
voltage (pin 4)
0
1.3
V
6.2
Vs
R5
Input-resistance (pin 5)
Muting off
80
200
K
Muting on
10
30
R4
Input resistance (pin 4)
150
K
AT
Muting attenuation
Rg +R1 = 10K
50
60
dB
ELECTRICAL CHARACTERISTICS (continued)
Note:
(
°)
Weighting filter = curve A.
(
° °) Filter with noise bandwidth: 22 Hz to 22 KHz.
(*)
See fig. 30 and fig. 31
5/14
TDA1905


유사한 부품 번호 - TDA1905

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
TDA1904 STMICROELECTRONICS-TDA1904 Datasheet
152Kb / 10P
   4WAUDIO AMPLIFIER
TDA1908 STMICROELECTRONICS-TDA1908 Datasheet
208Kb / 12P
   8W AUDIO AMPLIFIER
More results

유사한 설명 - TDA1905

제조업체부품명데이터시트상세설명
logo
NTE Electronics
NTE7000 NTE-NTE7000 Datasheet
32Kb / 4P
   Integrated Circuit 5W Audio Amplifier with Muting
logo
STMicroelectronics
TDA7245 STMICROELECTRONICS-TDA7245 Datasheet
200Kb / 11P
   5W AUDIO AMPLIFIER WITH MUTING AND STAND-BY
TDA1910 STMICROELECTRONICS-TDA1910_03 Datasheet
389Kb / 15P
   10W AUDIO AMPLIFIER WITH MUTING
TDA1910 STMICROELECTRONICS-TDA1910 Datasheet
196Kb / 14P
   10W AUDIO AMPLIFIER WITH MUTING
logo
National Semiconductor ...
LM384 NSC-LM384 Datasheet
152Kb / 7P
   5W Audio Power Amplifier
logo
Panasonic Semiconductor
AN7131 PANASONIC-AN7131 Datasheet
200Kb / 4P
   5W AUDIO POWER AMPLIFIER CIRCUIT
logo
Diodes Incorporated
PAM8406 DIODES-PAM8406 Datasheet
560Kb / 14P
   ALTERNATIVE 5W STEREO AUDIO AMPLIFIER
logo
Texas Instruments
LM384 TI-LM384_15 Datasheet
339Kb / 12P
[Old version datasheet]   LM384 5W Audio Power Amplifier
logo
Panasonic Semiconductor
AN7140 PANASONIC-AN7140 Datasheet
37Kb / 2P
   5W Audio Power Amplifier Circuit
logo
Texas Instruments
LM384N TI1-LM384N Datasheet
356Kb / 11P
[Old version datasheet]   LM384 5W Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com